Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8270 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8270
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8270 Datasheet HTML 4Page - Analog Devices AD8270 Datasheet HTML 5Page - Analog Devices AD8270 Datasheet HTML 6Page - Analog Devices AD8270 Datasheet HTML 7Page - Analog Devices AD8270 Datasheet HTML 8Page - Analog Devices AD8270 Datasheet HTML 9Page - Analog Devices AD8270 Datasheet HTML 10Page - Analog Devices AD8270 Datasheet HTML 11Page - Analog Devices AD8270 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8270
Rev. 0 | Page 8 of 20
6
4
2
0
–2
–4
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
(0, +5)
(0, –5)
(–4.3, +2.85)
(+4.3, +2.85)
(–4.3, +2.85)
(–4.3, –2.85)
(+4.3, –2.85)
(–1.6, –1.7)
(+1.6, –1.7)
(–1.6, +1.7)
(+1.6, +1.7)
(0, +2.5)
(0, –2.5)
VS = ±2.5
VS = ±5
Figure 10. Common-Mode Input Voltage vs. Output Voltage,
Gain = 1, ±5 V and ±2.5 V Supplies
20
15
10
5
0
–5
–10
–15
–20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
(0, +15)
(0, –15)
(+14.3, +11.4)
(+14.3, –11.4)
(–14.3, –11.4)
(–14.3, +11.4)
Figure 11. Common-Mode Input Voltage vs. Output Voltage,
Gain = 2, ±15 V Supplies
6
4
2
0
–2
–4
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
(0, +5)
(0, –5)
(–4, +4)
(+4, +4)
(–4, –4)
(+4, –4)
(–1.6, –2.1)
(+1.6, –2.1)
(–1.6, +2.1)
(+1.6, +2.1)
(0, +2.5)
(0, –2.5)
VS = ±2.5
VS = ±5
Figure 12. Common-Mode Input Voltage vs. Output Voltage,
Gain = 2, ±5 V and ±2.5 V Supplies
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 2, 0.5
GAIN = 1
Figure 13. Positive PSRR vs. Frequency
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 2, 0.5
GAIN = 1
Figure 14. Negative PSRR vs. Frequency
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
Figure 15. Output Voltage Swing vs. Large Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com