Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT123390 Datasheet(PDF) 1 Page - Glamox

Part # MAT123390
Description  MATE-SC80 WH IP65 1000HF 840 45°/GL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MAT123390 Datasheet(HTML) 1 Page - Glamox

  MAT123390 Datasheet HTML 1Page - Glamox MAT123390 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
MATE-SC80 WH IP65 1000
HF 840 45°/GL
Item No.
MAT123390
GTIN
5903531233907
Stock status code
A
Technical specifications
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
10
Number Of Luminaire MCB 10B
45
Number Of Luminaire MCB 10C
75
Number Of Luminaire MCB 16B
64
Number Of Luminaire MCB 16C
106
Optic
Beam Angle (°)
45
Diffuser Material
Glass
Reflector Colour
Silver
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
65
Light Technical Data
Light source
LED
Lumen Out (lm)
950
Lumen per Watt (lm/W)
95
Lumen Per Watt (lm/W)
95
Lamp colour temp (K)
4000
Colour Rendering Index
>80
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
50 000
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
105
Diameter (mm)
80
Item Net Weight (kg)
0.92
Logistic Data
Item Gross Weight (kg)
1


Similar Part No. - MAT123390

ManufacturerPart #DatasheetDescription
logo
Glamox
MAT123392 GLAMOX-MAT123392 Datasheet
140Kb / 2P
MATE-SC125 WH IP65 2000HF 830 45°/GL
MAT123393 GLAMOX-MAT123393 Datasheet
131Kb / 2P
MATE-SC125 BL IP65 2000HF 840 45°/GL
MAT123394 GLAMOX-MAT123394 Datasheet
146Kb / 2P
MATE-SC125 WH IP65 2000HF 840 45°/GL
More results

Similar Description - MAT123390

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com