Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4921 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4921
Description  VERY LOWDROP ADJUSTABLE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4921 Datasheet(HTML) 4 Page - STMicroelectronics

  L4921 Datasheet HTML 1Page - STMicroelectronics L4921 Datasheet HTML 2Page - STMicroelectronics L4921 Datasheet HTML 3Page - STMicroelectronics L4921 Datasheet HTML 4Page - STMicroelectronics L4921 Datasheet HTML 5Page - STMicroelectronics L4921 Datasheet HTML 6Page - STMicroelectronics L4921 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 3 : Quiescent Current vs. Output Current
(Vo = 5V).
APPLICATION INFORMATION
1) The L4920 and L4921 have VREF
≅ 1.25V.Then
the output voltage can be set down to VREF but
Vi must be greater than 5.2V (Tj =25
°C).
2) As the regulator reference voltage source works
in closed loop, the reference voltage may change
in foldbackcondition.
3) For applications with high Vl, the total power
dissipation of the device with respect to the ther-
mal resistance of the package may be limiting . The
total power dissipation is :
Ptot =Vi lq +(Vi -Vo)lo
A typical curve giving the quiescent current lq as a
function of the output current lo is shown in fig. 3.
Figure 1 : Output Voltage vs. Temperature.
Figure 2 : Foldback Current Limiting.
L4920/L4921
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com