Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT583055 Datasheet(PDF) 1 Page - Glamox

Part # MAT583055
Description  MATE-SQ120 WH IP20 2300HF 830 45°/GL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MAT583055 Datasheet(HTML) 1 Page - Glamox

  MAT583055 Datasheet HTML 1Page - Glamox MAT583055 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/29/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
MATE-SQ120 WH IP20 2300
HF 830 45°/GL
Item No.
MAT583055
GTIN
5901155830557
Stock status code
M
Technical specifications
General
Product shape
Square
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
23
Certificates
Certification
HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
2300
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
3000
Colour Rendering Index
>80
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L70B50 Ta25 (h)
100 000
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L90B50 Ta25 (h)
50 000
Housing
Body Material
Aluminium
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Length (mm)
120
Width (mm)
120
Height (mm)
158
Item Net Weight (kg)
0.92
Logistic Data
Item Gross Weight (kg)
1


Similar Part No. - MAT583055

ManufacturerPart #DatasheetDescription
logo
Glamox
MAT583053 GLAMOX-MAT583053 Datasheet
131Kb / 2P
MATE-SQ80 WH IP20 1000HF 840 45°/GL
MAT583054 GLAMOX-MAT583054 Datasheet
148Kb / 2P
MATE-SC125 WH IP20 2000HF 830 45°/GL
MAT583056 GLAMOX-MAT583056 Datasheet
148Kb / 2P
MATE-SC125 WH IP20 2000HF 840 45°/GL
MAT583057 GLAMOX-MAT583057 Datasheet
141Kb / 2P
MATE-SQ120 WH IP20 2300HF 840 45°/GL
More results

Similar Description - MAT583055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL-8U ETC-GL-8U Datasheet
197Kb / 6P
GL-8U
logo
TRIAD MAGNETICS
VPP24-830 TRIAD-VPP24-830 Datasheet
46Kb / 1P
VPP24-830
logo
TAI-SAW TECHNOLOGY CO.,...
TA0907A TAI-SAW-TA0907A Datasheet
457Kb / 7P
SAW Filter 830 MHz
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326005 ADELS-326005 Datasheet
111Kb / 1P
GSK 830 V/ 5
326006 ADELS-326006 Datasheet
111Kb / 1P
GSK 830 V/ 6
326402 ADELS-326402 Datasheet
119Kb / 1P
GSK 830 H/ 2
326404 ADELS-326404 Datasheet
121Kb / 1P
GSK 830 H/ 4
326406 ADELS-326406 Datasheet
111Kb / 1P
GSK 830 H/ 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com