Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV3003
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV3003 Datasheet HTML 4Page - Analog Devices ADV3003 Datasheet HTML 5Page - Analog Devices ADV3003 Datasheet HTML 6Page - Analog Devices ADV3003 Datasheet HTML 7Page - Analog Devices ADV3003 Datasheet HTML 8Page - Analog Devices ADV3003 Datasheet HTML 9Page - Analog Devices ADV3003 Datasheet HTML 10Page - Analog Devices ADV3003 Datasheet HTML 11Page - Analog Devices ADV3003 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADV3003
Rev. 0 | Page 8 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
25
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
20
INPUT CABLE LENGTH (m)
ALL CABLES = 24 AWG
480p, 8-BIT
720p/1080i,
8-BIT
1080p, 8-
BIT
1.65Gbps
1080p, 12-
BIT
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
50
40
30
20
10
0
0
DATA RATE (Gbps)
720p/1080i,
8-BIT
1080p, 8-BIT
1080p, 12-BIT
RJ rms
DJ p-p
Figure 15. Jitter vs. Data Rate
3.6
3.5
3.4
3.3
3.2
3.1
3.0
50
40
30
20
10
0
SUPPLY VOLTAGE (V)
RJ rms
DJ p-p
Figure 16. Jitter vs. Supply Voltage
16
14
12
10
8
6
4
2
0.6
0.5
0.4
0.3
0.2
0.1
0
0
OUTPUT CABLE LENGTH (m)
1080p, 12-BIT
1080p, 8-BIT
1.65Gbps
720p/1080i,
8-BIT
480p, 8-BIT
ALL CABLES = 24 AWG
PE = 6dB
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
0
DATA RATE (Gbps)
Figure 18. Eye Height vs. Data Rate
3.6
3.5
3.4
3.3
3.2
3.1
3.0
SUPPLY VOLTAGE (V)
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 19. Eye Height vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com