Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3003ACPZ-R7
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADV3003ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3003ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADV3003
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate (DR) per Channel
NRZ
2.25
Gbps
Bit Error Rate (BER)
PRBS 223 − 1
10−9
Added Deterministic Jitter
DR ≤ 2.25 Gbps, PRBS 27 − 1
25
ps (p-p)
Added Random Jitter
1
ps (rms)
Differential Intrapair Skew
At output
1
ps
Differential Interpair Skew1
At output
50
ps
EQUALIZATION PERFORMANCE
Receiver (Fixed Setting)2
Boost frequency = 1.125 GHz
12
dB
Transmitter (Pre-Emphasis On)3
Boost frequency = 1.125 GHz
6
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
150
1200
mV
Input Common-Mode Voltage (VICM)
AVCC − 800
AVCC
mV
OUTPUT CHARACTERISTICS4
High Voltage Level
Single-ended high speed channel
AVCC − 200
AVCC + 10
mV
Low Voltage Level
Single-ended high speed channel
AVCC − 600
AVCC − 400
mV
Rise/Fall Time (20% to 80%)
75
178
ps
TERMINATION
Input Termination Resistance
Single-ended
50
Ω
Output Termination Resistance
Single-ended
50
Ω
POWER SUPPLY
AVCC
Operating range (3.3 V ± 10%)
3
3.3
3.6
V
QUIESCENT CURRENT
AVCC
Output disabled
20
40
mA
Output enabled, pre-emphasis off
32
50
mA
Output enabled, pre-emphasis on
66
80
mA
VTTI
Input termination on5
40
54
mA
VTTO
Output termination on, pre-emphasis off
40
50
mA
Output termination on, pre-emphasis on
80
100
mA
Output disabled
0
1
mA
POWER DISSIPATION6
Output disabled
66
148
mW
Output enabled, pre-emphasis off
370
553
mW
Output enabled, pre-emphasis on
686
937
mW
PARALLEL CONTROL INTERFACE
TX_EN, PE_EN
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
1 Differential interpair skew is measured between the TMDS pairs of the HDMI/DVI link.
2 ADV3003 output meets the transmitter eye diagram mask as defined in the HDMI Standard Version 1.3a and the DVI Standard Version 1.0.
3 Cable output meets the receiver eye diagram mask as defined in the HDMI Standard Version 1.3a and the DVI Standard Version 1.0.
4 PE = 0 dB.
5 Typical value assumes the HDMI/DVI link is active with nominal signal swings. Minimum and maximum limits are measured at the extremes of input termination
resistance and input voltage swing, respectively .
6 The total power dissipation excludes power dissipated in the 50 Ω off-chip loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com