Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3003-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3003-EVALZ
Description  HDMI/DVI TMDS Equalizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3003-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3003-EVALZ Datasheet HTML 3Page - Analog Devices ADV3003-EVALZ Datasheet HTML 4Page - Analog Devices ADV3003-EVALZ Datasheet HTML 5Page - Analog Devices ADV3003-EVALZ Datasheet HTML 6Page - Analog Devices ADV3003-EVALZ Datasheet HTML 7Page - Analog Devices ADV3003-EVALZ Datasheet HTML 8Page - Analog Devices ADV3003-EVALZ Datasheet HTML 9Page - Analog Devices ADV3003-EVALZ Datasheet HTML 10Page - Analog Devices ADV3003-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADV3003
Rev. 0 | Page 7 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
REFERENCE EYE DIAGRAM AT TP1
DIGITAL
PATTERN
GENERATOR
SMA COAX CABLE
HDMI CABLE
TP1
TP2
TP3
ADV3003
EVALUATION
BOARD
SERIAL DATA
ANALYZER
Figure 9. Test Circuit Diagram for Tx Eye Diagrams
0.125UI/DIV AT 2.25Gbps
Figure 10. Tx Eye Diagram at TP2, PE = 0 dB
0.125UI/DIV AT 2.25Gbps
Figure 11. Tx Eye Diagram at TP2, PE = 6 dB
0.125UI/DIV AT 2.25Gbps
Figure 12. Tx Eye Diagram at TP3, PE = 0 dB (Cable = 6 Meters, 24 AWG)
0.125UI/DIV AT 2.25Gbps
Figure 13. Tx Eye Diagram at TP3, PE = 6 dB (Cable = 10 Meters, 24 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com