Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAEN2C2M07990 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # CAEN2C2M07990
Description  2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

CAEN2C2M07990 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  CAEN2C2M07990 Datasheet HTML 1Page - Switchcraft, Inc. CAEN2C2M07990 Datasheet HTML 2Page - Switchcraft, Inc. CAEN2C2M07990 Datasheet HTML 3Page - Switchcraft, Inc. CAEN2C2M07990 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPB 641
2-Meter Micro-Con-X® & EN2™ Standard Cable Assemblies
SWITCHCRAFT: 5 555 N EL STON AVE, CHIC A GO , IL 606 30 - 77 3.79 2.2 7 00 - SA LES@ SW ITCHCRAFT.COM
CONXALL : 6 01 EA ST WILD W OOD, VILLA PA RK , IL 6 018 1 - 630.8 34 .7 504 - SALES@ CONXALL.COM
• High quality molded cables now available as a
standard, off-the-shelf item
• Single ended cable with blunt cut
• Straight or right angle connector options
• 2 or 3 conductor versions available
• Made in the USA
• Molded 360° Flex Relief (EN2™ only)
• Call factory for custom lengths and other
configurable options
• See drawings on Switchcraft.com for detailed
specifications
FEATURES
• Rated for 300 V
• 20 AWG Wire
• -30° C TO +105° C temperature rating
• Jacket Material: 30 mils PVC, black
• Conductor Insulation: 15 mils PVC
• UV & water resistant
• Color coded and tissue paper separated
conductor wires
• UL Recognized, CSA Certified, and RoHS
Compliant
CABLE SPECIFICATIONS
Blunt cut on opposite end
for maximum flexibility
Color coded, tissue paper
separated conductor wires
for easy termination
High quality, factory
overmolded connectors
Cable selected by Switchcraft/
Conxall to withstand harsh
environments
Standard 2-Meter
(79”) Lengths



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com