Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TASERIES Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # TASERIES
Description  TA Series Tini Q-G® (Mini XLR) female cable mount connectors.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

TASERIES Datasheet(HTML) 1 Page - Switchcraft, Inc.

  TASERIES Datasheet HTML 1Page - Switchcraft, Inc. TASERIES Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/22/22, 11:54 AM
Switchcraft : Specification
https://www.conxall.com/Specification.aspx?Parent=792
1/2
Harsh Environment Connectivity Solutions
TA Series Female
TA Series Tini Q-G® (Mini XLR) female cable mount
connectors.
SPECIFICATIONS: (3 – 5 CORD MOUNT ONLY)
 
ELECTRICAL
 
Contact Resistance: .010 ohms maximum after life (and after salt spray).
Current Rating (Carry Only): 5 A, 125 V AC (4 A, 125 V AC on 5 circuit) based on 30°C
maximum.
Insulation Resistance: 510,000 megohms minimum @ 500 VDC (initial); 10,000
megohms minimum (after humidity test).
Dielectric Strength: 1,000 V (rms).
 
MECHANICAL
 
Life: 5,000 operations minimum
Insertion/Withdrawal Forces (after life): 6.1 lb./2.77 kg after life, insertion; 5.6 lb/2.54
kg, withdrawal.
Solderability Standard: Meets EIA RS-186-9E.
Mechanical Shock: Meets MIL-STD-202, method 213B.
Vibration: Meets MIL-STD-202, method 201A.
Wire Size: #22 wire gauge solid; #24 wire gauge stranded.
 
ENVIRONMENTAL
 
Thermal Range: -55°C to + 85°C.
Humidity: Meets MIL-STD-202, method 106D.
Thermal Shock: Meets MIL-STD-202, method 107D.


Similar Part No. - TASERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
Conformal, Single-In-Line Resistor Networks
15-Nov-07
logo
TDK Electronics
TAS TDK-TAS Datasheet
222Kb / 7P
sensors
logo
Texas Instruments
TAS1020 TI-TAS1020 Datasheet
375Kb / 93P
USB Streaming Controller
TAS1020A TI-TAS1020A Datasheet
493Kb / 114P
USB Streaming Controller
TAS1020APFB TI-TAS1020APFB Datasheet
493Kb / 114P
USB Streaming Controller
More results

Similar Description - TASERIES

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3837 POMONA-3837 Datasheet
22Kb / 1P
Adapter BNC Female To Tini-Plug
MODEL3837 POMONA-MODEL3837 Datasheet
22Kb / 1P
Adapter BNC Female To Tini-Plug
logo
Amphenol Corporation
AG3F AMPHENOL-AG3F Datasheet
88Kb / 1P
MINI XLR LINE FEMALE CUSTOMER DRAWING
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
AX SERIES XLR CABLE CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
TINY xlr Cable Connectors
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
Neutrik AG
NC3FXX-EMC NEUTRIK-NC3FXX-EMC Datasheet
124Kb / 3P
3 pole female EMC-XLR cable connector
NC3FXX-EMC-B NEUTRIK-NC3FXX-EMC-B Datasheet
96Kb / 3P
3 pole female EMC-XLR cable connector, black
NC3FDX-EMC-SPEC NEUTRIK-NC3FDX-EMC-SPEC Datasheet
154Kb / 3P
3 pole female EMC-XLR cable connector for panel mount
SCCD-W NEUTRIK-SCCD-W Datasheet
127Kb / 1P
XLR D Series female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com