Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4F Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # T4F
Description  Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

T4F Datasheet(HTML) 4 Page - Switchcraft, Inc.

  T4F Datasheet HTML 1Page - Switchcraft, Inc. T4F Datasheet HTML 2Page - Switchcraft, Inc. T4F Datasheet HTML 3Page - Switchcraft, Inc. T4F Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SWITCHCRAFT, INC. 5555 N. Elston Ave. • Chicago, IL 60630
161
JACKS AND PLUGS
FAX: 773 792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
PHONO PLUGS
PHONO PLUGS
PHONO PLUGS (continued)
Part
Description
Typical
Number
Pin
Handle
Notes
Mating Jack
3502A
Nickel
Nickel
BP Series
3502AAU
Gold
Nickel
BP Series
3502ABAU
Gold
Black
BP Series
3502RA
Nickel
Nickel
Right angle
BP Series
3502RABAU
Gold
Black
Right angle
BP Series
3502RAAU
Gold
Nickel
Right angle
BP Series
35581
Nickel
Plastic
Red handle
BP Series
35582
Nickel
Plastic
Black handle
BP Series
35585
Nickel
Plastic
White handle
BP Series
3502
Nickel
Nickel
BP Series
3501M
Nickel
BP Series
3501MC
Nickel
Same as 3501M except with cable clamp
BP Series
3504M
Nickel
Same as 3507 less cable clamp and handle
3505F
3507
Nickel
Nickel
For RF applications
3505F
330F1
Nickel
2 inline jacks to 1 male plug, 4" gray shielded cable
BP Series
330F2
Nickel1 inline jack, 1 male plug to 1 male plug, 4" gray shielded cable
BP Series
3507
3502RA
3502A
3501M & 3504M
35581, 33582, 33585
3502
3501MC
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com