Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3220PCBA-41X Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3220PCBA-41X
Description  HIGH LINEARITY/DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3220PCBA-41X Datasheet(HTML) 4 Page - RF Micro Devices

  RF3220PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3220PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF3220
Rev A1 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - 1850MHz
12
11
10
9
8
7
4
5
6
1
2
3
2.2 nH
RF IN
10 nH
4.7 nH
RF OUT
240
Ω
VCC
3 pF
2.2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com