Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-60-L-LS-RMYB Datasheet(PDF) 3 Page - Festo Corporation.

Part # EMMT-AS-60-L-LS-RMYB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-60-L-LS-RMYB Datasheet(HTML) 3 Page - Festo Corporation.

  EMMT-AS-60-L-LS-RMYB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-60-L-LS-RMYB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-60-L-LS-RMYB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Brake closing time
10 ms
DC brake response delay
≤2 ms
Max. brake no-load speed
10000 rpm
Max. friction work per braking operation
5600 J
Number of emergency stops per hour
1
Total brake friction work
615 kJ
Brake mass moment of inertia
0.074 kgcm²
Switching cycles, holding brake
10 million idle actuations (without friction work!)
Safety device
Safety device
maximum SIL
Security integrity level 3
See user documentation
Safety sub-functions up to SIL2
Reliable acquisition and transmission of single-turn position data
Safety sub-functions up to SIL3
Reliable recording and transmission of single-turn position data, only
with additional software function in the servo drive
maximum PL and category
Performance level e, category 3
See user documentation
Safety sub-function up to PL d, Cat. 3
Reliable acquisition and transmission of single-turn position data
Safety sub-function up to PL e, Cat. 3 3
Reliable recording and transmission of single-turn position data, only
with additional software function in the servo drive
PFHd, subcomponent
15 x 10E-9, encoder
Duration of use Tm, subcomponent
20 years, rotor position sensor
12/30/25 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com