Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1002-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMANMOB1002-RTP
Description  617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1002-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMANMOB1002-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1002-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1002-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2020
The FMANMOB1002-RTP from Fairview Microwave is an omnidirectional
antenna with a 5 dBi gain that transmits high-power signals and faster speed.
This in-building antenna comes with a magnetic NMO mount specifically
designed for high-performance applications. Our high-quality omni antenna
is available in black color and can be procured with no order limit. This
vertically polarized antenna has a frequency range of 617 to 7125 MHz,
which is ideal for indoor low-profile, in-building, and mobile applications.
The NMO-type magnetic mount on Fairview Microwave’s FMANMOB1002-
RTP omnidirectional antenna makes it an ideal solution when the portability
of the antenna is needed. This NMO antenna mount is constructed with a
heavy-duty magnet to ensure secure mounting. The magnetic base allows
a temporary plug-and-play installation. No drilling is required for the
installation of this antenna mount, making it easy to fine-tune the antenna
location. This magnetic mount has a reverse polarity TNC plug connector
and can be used for WLAN, Wi-Fi, public safety, and mobile RF applications.
Fairview Microwave has one of the largest in-stock selections of omnidirectional
in-building antennas with the same-day shipment. Make your online purchase
right now to take advantage of our same-day shipping. For further information on
similar products, our expert technical support and knowledgeable sales team can
help you get the ideal vertically polarized antenna with a magnetic NMO mount
for your requirements.
Configuration
Design
Omni
Polarization
Vertical
Connector Type
TNC Reverse Polarity
Number of Ports
1
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
617
7,125
MHz
Input VSWR
1.5:1
Gain
2
5
dBi
Input Power
100
Watts
Mechanical Specifications
Size
Length
4.95 in [125.73 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
1.25 lbs [566.99 g]
Environmental Specifications
.
FMANMOB1002-RTP
DATA SHEET
617-7125 MHz, 2-5 dBi Gain, Omni-directional
Antenna with Magnetic NMO Mount,
Reverse Polarity-TNC Plug Connector
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Outdoor Rated Omni
Directional Antenna
• 2-5 dBi Gain
• Easy to install magnetic
mount offering temporary
plug and play installation
• NMO Magnetic Mount,
Black ABS Radome
• 2.5:1 VSWR Max
• 10 Foot, Black Low-Loss
LMR195 Equivalent
• Reverse Polarity-TNC
Plug Connector
Applications:
• Infotainment systems, Routers,
Wi-Fi hotspots, HD video
transmission, Gateways, Dash
cameras, Public transportation
Public Safety Networks
• Connected cars or
self driving cars, Fleet
management, Logistics
• IoT, Industrial IoT, Zigbee,
Bluetooth, Wi-Fi


Similar Part No. - FMANMOB1002-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANMOB1002-RSP FAIRVIEW-FMANMOB1002-RSP Datasheet
470Kb / 3P
617-7125 MHz, 2-5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
REV 1 A
More results

Similar Description - FMANMOB1002-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-8 PASTERNACK-PE51022-8 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC MALE, RG58
PE51022-9 PASTERNACK-PE51022-9 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
logo
List of Unclassifed Man...
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com