Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1003-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMANMOB1003-RSP
Description  136-940MHz, 4.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1003-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMANMOB1003-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1003-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1003-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2020
The FMANMOB1003-RSP from Fairview Microwave is an omnidirectional
antenna with a 4.5 dBi gain that transmits high-power signals and faster
speed. This in-building antenna comes with a magnetic NMO mount specifically
designed for high-performance applications. Our high-quality omni antenna
is available in black color and can be procured with no order limit. This
vertically polarized antenna has a frequency range of 136 to 940 MHz,
which is ideal for indoor low-profile, in-building, and mobile applications.
The NMO-type magnetic mount on Fairview Microwave’s FMANMOB1003-
RSP omnidirectional antenna makes it an ideal solution when the portability
of the antenna is needed. This NMO antenna mount is constructed with a
heavy-duty magnet to ensure secure mounting. The magnetic base allows
a temporary plug-and-play installation. No drilling is required for the
installation of this antenna mount, making it easy to fine-tune the antenna
location. This magnetic mount has a reverse polarity SMA plug connector
and can be used for WLAN, Wi-Fi, public safety, and mobile RF applications.
Fairview Microwave has one of the largest in-stock selections of omnidirectional
in-building antennas with the same-day shipment. Make your online purchase
right now to take advantage of our same-day shipping. For further information on
similar products, our expert technical support and knowledgeable sales team can
help you get the ideal vertically polarized antenna with a magnetic NMO mount
for your requirements.
Configuration
Design
Omni
Gain
4.5
Polarization
Vertical
Connector Type
SMA Reverse Polarity
Number of Ports
1
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
136
940
MHz
Input VSWR
1.5:1
Gain
4.5
dBi
Input Power
30
Watts
Mechanical Specifications
Radome Material
Stainless Steel
Size
Length
4.74 in [120.4 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
1.8 lbs [816.47 g]
Environmental Specifications
.
FMANMOB1003-RSP
DATA SHEET
136-940MHz, 4.5 dBi Gain, Omni-directional Antenna
with Magnetic NMO Mount, Reverse Polarity-SMA
Plug Connector
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Outdoor Rated Omni
Directional Antenna
• 4.5 dBi Gain
• Easy to install magnetic
mount offering temporary
plug and play installation
• NMO Magnetic Mount,
Black ABS Radome
• 1.5:1 VSWR Max
• 10 Foot, Black Low-Loss
LMR195 Equivalent Cable
• Reverse Polarity-SMA
Plug Connector
Applications:
• Offroad/Overland Vehicles
• Mining/Industrial
• Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment


Similar Part No. - FMANMOB1003-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANMOB1003-RTP FAIRVIEW-FMANMOB1003-RTP Datasheet
507Kb / 3P
136-940MHz, 4.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
REV 1 A
More results

Similar Description - FMANMOB1003-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-2 PASTERNACK-PE51022-2 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pasternack Enterprises,...
PE51170 PASTERNACK-PE51170 Datasheet
343Kb / 3P
Mobile Antenna Operates From 440 MHz to 480 MHz With a Typical 4.5 dBi Gain NMO Mount Input Connector Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com