Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16HT Datasheet(PDF) 2 Page - ON Semiconductor

Part # FEP16HT
Description  Fast Rectifiers (Glass Passivated)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FEP16HT Datasheet(HTML) 2 Page - ON Semiconductor

  FEP16HT Datasheet HTML 1Page - ON Semiconductor FEP16HT Datasheet HTML 2Page - ON Semiconductor FEP16HT Datasheet HTML 3Page - ON Semiconductor FEP16HT Datasheet HTML 4Page - ON Semiconductor FEP16HT Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEP16AT - FEP16JT, Rev. C
2001 Fairchild Semiconductor Corporation
FEP16AT - FEP16JT
Fast Rectifiers (Glass Passivated)
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
• Low forward voltage drop.
• High surge current capacity.
• High current capability.
• High reliability.
TO-220AB
1
2
3
Thermal Characteristics
Symbol
Parameter
Device
Units
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
VF
Forward Voltage @ 8.0A
0.95
1.3
1.5
V
trr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, IRR = 0.25 A
35
50
ns
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
10
500
µA
µA
C
T
Total Capacitance
V
R = 4.0. f = 1.0 MHz
85
60
pF
Symbol
Parameter
Value
Units
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
VRRM
Maximum Repetitive Reverse
Voltage
50
100
150
200
300
400
500
600
V
IF(AV)
Average Rectified Forward Current,
.375 " lead length @ T
A = 100°C
16
A
IFSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
200
A
T
stg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
8.33
W
RθJA
Thermal Resistance, Junction to Ambient
15
°C/W
RθJL
Thermal Resistance, Junction to Lead
2.2
°C/W
PIN 1
PIN 3
+
CASE
PIN 2
Positive CT
PIN 1
PIN 3
-
CASE
PIN 2
Negative CT
Suffix "A"
PIN 1
PIN 3
AC
CASE
PIN 2
Doubler
Suffix "D"
• Average Forward Current Rating at 16A (8A per Diode).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com