Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 3003
Description  THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

3003 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  3003 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
7
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
Battery retainers are suited for high density PCB packaging. Engineered with reliable spring tension,
these contacts assure low resistance while firmly securing the battery within the retainer.
• Compatible with all wave and reflow operations
• Solder tails located outside of retainer body which facilitates visual inspection of the solder joints
• Flow-hole solder tail designed for increased joint strength
• Compatible with most vacuum and mechanical pick & place assembly systems
• Matte Tin Plate for lower soldering temperatures ideal where other temperature sensitive components
are being used
• Tin-Nickel plated retainers are ideal for lead free, high temperature soldering applications
• All conductive polystyrene carrier tape meets ANSI/EIA-481 standards
Mounting Detail
F MIN.
NEG. CONTACT (PAD)
.156 [3.96] SQ. MIN.
W MIN.
G MIN.
AVAILABLE ON TAPE AND REEL
NEGATIVE BATTERY CONTACTS*
L
DIA.
.062 [1.54]
.016 [.41]
.030 [.76] DIA.
.105 [2.7]
.360 [9.1]
.031 [.78] DIA
(3) PLS
.112 [2.8]
.625 [15.9]
.127 [3.2]
.062
[1.57]
MIN. SQR.
L MIN.
Pad Layout
.112 [2.7]
.625 [15.9]
Pad Layout
DWG. 1 MATERIAL: .008 (.20) Brass
DWG. 2 MATERIAL: .010 (.25) Phospher Bronze
SURFACE MOUNT (SMT)
THRU HOLE MOUNT (THM)
B
POLARITY
MARKING
W
E
H
L
A
.062 [1.6]
Mounting Detail
.073 [1.85]
DIA. (2) PLS
A
NEG. CONTACT (PAD) *
.156 [3.96] SQ. MIN.
MATERIAL:
.008 (.20) Phosphor
Bronze, Tin-Nickel Plate
.308 [7.8]
.373 [9.5]
.128 [3.3]
.062 [1.57]
.212 [5.4]
.250 [6.4] DIA.
.079
[2.01]
Mounting Detail
CAT. NO. 2990
.300 [7.6]
.073 [1.9] DIA.
(2) PLS
• Snap-In
• Assures proper
contact
SURFACE MOUNT (SMT)
THRU HOLE MOUNT (THM)
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL DWG.
L
DIA.
TAPE & REEL SPECS
2991
2991TR
2981
2981TR
1
.368 (9.4)
.250 (6.4) 16mm wide, 8mm pitch, 1500/7 reel
2992
2992TR
2982
2982TR
1
.289 (7.4)
.186 (4.7) 16mm wide, 12mm pitch, 1000/7 reel
2993
2993TR
2983
2983TR
2
.625 (15.9)
—
24mm wide, 16mm pitch, 1000/13 reel
*Note: Cannot be used with Cat. No. 3028, 3029, 3032, 3033.
CAT. NO.
CELL
BULK
A
B
E
H
L
W
DIA.
BATTERY REFERENCE
3001
.520 (13.2) .265 (6.7)
.210 (5.3)
.118 (3.0) .475 (12.1)
.585 (14.9) 12mm
BR1216, CR1216, BR1220, CL1220, CR1220, BR1225
3013
.664 (16.9)
.344 (8.7)
.265 (6.7) .156 (4.0) .594 (15.1)
.723 (18.4) 16mm
BR1616, CR1612, CR1616, CR1620, CR1632
3029
.831 (21.1) .298 (7.6)
.176 (4.5) .067 (1.7) .618 (15.7)
.890 (22.6)
BR2012, CR2012, DL2012
3027
.831 (21.1)
.416 (10.6)
.194 (4.9) .085 (2.2) .782 (19.9)
.890 (22.6) 20mm
BR2016, CR2016, DL2016
3003
.831 (21.1)
.416 (10.6) .265 (6.7) .156 (4.0) .782 (19.9)
.890 (22.6)
BR2016, DL2020, CR2320, CR2025, CR2032
3005
.939 (23.9)
.475 (12.1) .265 (6.7) .156 (4.0) .832 (21.1) 1.004 (25.5)
BR2320, CL2330, CR2320, BR2325, CR2325, DL2325
3011
.939 (23.9)
.475 (12.1) .351 (8.9) .240 (6.1) .819 (20.8) 1.004 (25.5)
23mm
CR2354, DL2354
3033
1.000 (25.4) .313 (8.0)
.176 (4.5) .067 (1.7) .681 (17.3) 1.055 (26.8)
BR2412, CR2412
3007
1.000 (25.4) .506 (12.9) .265 (6.7) .156 (4.0) .918 (23.3) 1.055 (26.8)
24mm
CR2430, DL2430
3009
1.000 (25.4) .506 (12.9) .350 (8.9) .230 (5.8) .890 (22.5) 1.059 (26.9)
CR2450, DL2450
3039
1.000 (25.4) .506 (12.9) .450 (11.4) .336 (8.5) .890 (22.5) 1.059 (26.9)
CR2477, DL2477
REFER TO THRU HOLE MOUNT (THM) DRAWING
MATERIAL: .010 (.25) Phosphor Bronze
TIN-NICKEL PLATE
MATTE TIN PLATE
Insulated retainers available for
6 volt applicatins. See page 4.
TIN-NICKEL PLATE
• Assures proper
contact
• Assures proper
contact
Thru Hole Mount
AVAILABLE ON TAPE AND REEL
FLOW HOLE/SLOT
POLARITY
MARKING
L
A
F
B
H
W
SPRING CONTACT
COMPACT
TIN-NICKEL PLATE
MATTE TIN PLATE
REFER TO SURFACE MOUNT (SMT) DRAWING
CAT. NO. ON TAPE CAT. NO. ON TAPE
CELL
BATTERY
BULK
& REEL
BULK
& REEL
A
B
F
G
H
L
W
DIA.
REFERENCE
TAPE & REEL SPEC’S
3000
3000TR
3080
3080TR
.520 (13.2) .265 (6.7)
.125 (3.2) .125 (3.2) .125 (3.2)
.475 (12.1)
.745 (18.9) 12mm CR1216, BR1220, CL1225 32mm wide; 16mm pitch; 1000/reel
3012
3012TR
3092
3092TR
.664 (16.9) .344 (8.7)
.125 (3.2) .125 (3.2) .156 (4.0)
.594 (15.1)
.914 (23.2) 16mm
BR1612, CR1616, CR1620,
44mm wide; 24mm pitch; 600/reel
DL1632
3028
3028TR
3038
3038TR
.831 (21.1) .298 (7.6)
.200 (5.1) .050 (1.3) .067 (1.7)
.618 (15.7)
.911 (23.1) 20mm BR2012, CR2012, DL2012 44mm wide; 24mm pitch; 1000/reel
3026
3026TR
3078
3078TR
.831 (21.1) .416 (10.6) .200 (5.1) .200 (5.1) .085 (2.2)
.782 (19.9) 1.210 (30.7) 20mm BR2016, CR2016, DL2016 44mm wide; 32mm pitch; 750/reel
3034
3034TR
3044
3044TR
.835 (21.2) .291 (7.4)
.200 (5.1) .050 (1.3) .160 (4.1)
.635 (16.1) 0.915 (23.1) 20mm DL2020, CR2025, CR2032 44mm wide; 24mm pitch; 500/reel
3002
3002TR
3082
3082TR
.831 (21.1) .416 (10.6) .200 (5.1) .200 (5.1) .156 (4.0)
.782 (19.9) 1.210 (30.7) 20mm DL2020, CR2025, CR2032 44mm wide; 24mm pitch; 500/reel
3004
3004TR
3084
3084TR
.939 (23.9) .475 (12.1) .200 (5.1) .200 (5.1) .156 (4.0)
.832 (21.1) 1.339 (34.0) 23mm
BR2320, CL2325, CR2330,
56mm wide; 32mm pitch; 400/reel
DL2335
3010
3010TR
3090
3090TR
.939 (23.9) .475 (12.1) .200 (5.1) .200 (5.1) .240 (6.1)
.819 (20.8) 1.339 (34.0) 23mm CR2354, DL2354
56mm wide; 32mm pitch; 200/reel
3032
3032TR
3042
3042TR 1.000 (25.4) .313 (8.0)
.200 (5.1) .050 (1.3) .067 (1.7)
.681 (17.3) 1.080 (27.4) 24mm BR2412, CR2412
44mm wide, 24mm pitch, 1000/reel
3006
3006TR
3086
3086TR 1.000 (25.4) .506 (12.9) .200 (5.1) .200 (5.1) .156 (4.0)
.918 (23.3) 1.400 (35.6) 24mm CR2430, DL2430
56mm wide; 32mm pitch; 400/reel
3008
3008TR
3088
3088TR 1.000 (25.4) .506 (12.9) .200 (5.1) .200 (5.1) .230 (5.8)
.890 (22.6) 1.400 (35.6) 24mm CR2450, DL2450
56mm wide; 32mm pitch; 200/reel
M60Section1FRevA4-COLOR 4/4/13 4:21PM Page9


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
Coin Cell Supercapacitors
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
12BH002-GR ETC2-12BH002-GR Datasheet
83Kb / 1P
20MM Coin Cell Holder Surface Mount
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
Coin Cell Holder
122-2820-GR ETC2-122-2820-GR Datasheet
188Kb / 1P
SMT 20mm Coin Cell Battery Holder
logo
Harwin Plc
S8421-45R HARWIN-S8421-45R Datasheet
126Kb / 2P
SMT COIN CELL HLDER FOR CR2032 TAPE REELED
logo
Adam Technologies, Inc.
BH-49A-5 ADAM-TECH-BH-49A-5 Datasheet
167Kb / 1P
COIN CELL BATTERY HOLDER FOR CELL CR2032, SMT TYPE
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com