Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8160661 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8160661
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8160661 Datasheet(HTML) 2 Page - Festo Corporation.

  8160661 Datasheet HTML 1Page - Festo Corporation. 8160661 Datasheet HTML 2Page - Festo Corporation. 8160661 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
To UK instructions for electrical equipment
Certificate issuing authority
TÜV 968/INS 464.00/24
UL E342973
Nominal operating voltage DC
680 V
Type of winding switch
Star inside
Number of pole pairs
5
Stall torque
12.4 Nm
Nominal torque
7.3 Nm
Peak torque
38.7 Nm
Nominal rotary speed
2700 rpm
Max. rotational speed
5150 rpm
Max. mechanical speed
13000 rpm
Angular acceleration
≤100000 rad/s²
Motor nominal power
2060 W
Continuous stall current
9.5 A
Motor nominal current
5.5 A
Peak current
36 A
Motor constants
1.32 Nm/A
Standstill torque constant
1.54 Nm/A
Voltage constant, phase-to-phase
93.2 mVmin
Phase-phase winding resistance
0.81 Ohm
Winding inductance phase-phase
9 mH
Winding longitudinal inductivity Ld (phase)
5.7 mH
Cross inductivity Lq (phase)
6.8 mH
Electric time constant
16.7 ms
Thermal time constant
68 min
Thermal resistance
0.39 K/W
Measuring flange
300 x 300 x 20 mm, steel
Total output inertia moment
11.09 kgcm²
Product weight
13300 g
Permissible axial shaft load
200 N
Permissible radial shaft load
915 N
Rotor position sensor
Safety encoder, absolute multi-turn
Rotor position sensor for manufacturer designation
EQI 1331
Rotor position encoder for absolutely detectable revolutions
4096
Rotor position sensor interface
EnDat® 22
Rotor position sensor measuring principle
Inductive
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
3.6 V ... 14 V
Rotor position encoder for positional values per revolution
524288
Rotor position sensor resolution
19 bit
Rotor position encoder system accuracy angle measurement
-65 arcsec ... 65 arcsec
Brake holding torque
18 Nm
Brake DC operating voltage
24 V
Brake current consumption
1 A
Brake power consumption
24 W
Brake coil resistance
24 Ohm
Brake coil inductivity
900 mH
Brake separation time
≤80 ms
12/30/25 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com