Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1005-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMANMOB1005-RSP
Description  136-174 MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1005-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMANMOB1005-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1005-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1005-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. FMANMOB1005-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.1 Page 1 of 4
Copyright © 2020
Description
The FMANMOB1005-RSP from Fairview Microwave is an omnidirectional antenna
with a 2.5 dBi gain that transmits high-power signals and faster speed. This
in-building antenna comes with a magnetic NMO mount specifically designed
for high-performance applications. Our high-quality omni antenna is available
in black color and can be procured with no order limit. This vertically polarized
antenna has a frequency range of 136 to 174 MHz, which is ideal for indoor low-
profile, in-building, and mobile applications.
The NMO-type magnetic mount on Fairview Microwave’s FMANMOB1005-RSP
omnidirectional antenna makes it an ideal solution when the portability of the
antenna is needed. This NMO antenna mount is constructed with a heavy-duty
magnet to ensure secure mounting. The magnetic base allows a temporary plug-
and-play installation. No drilling is required for the installation of this antenna
mount, making it easy to fine-tune the antenna location. This magnetic mount
has a reverse polarity SMA plug connector and can be used for WLAN, Wi-Fi,
public safety, and mobile RF applications.
Fairview Microwave has one of the largest in-stock selections of omnidirectional
in-building antennas with the same-day shipment. Make your online purchase
right now to take advantage of our same-day shipping. For further information
on similar products, our expert technical support and knowledgeable sales team
can help you get the ideal vertically polarized antenna with a magnetic NMO
mount for your requirements.
Configuration
Design
Omni
Gain
2.5
Polarization
Vertical
Connector Type
SMA Reverse Polarity
Number of Ports
1
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range (Tunable)
136
174
MHz
Operational Bandwidth
5
MHz
Input VSWR
1.5:1
Gain
2.5
dBi
Input Power
50
Watts
FMANMOB1005-RSP
DATA SHEET
136-174 MHz, 2.5 dBi Gain, Omni-directional
Antenna with Magnetic NMO Mount,
Reverse Polarity-SMA Plug Connector
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Outdoor Rated Omni
Directional Antenna
• 2.5 dBi Gain
• Easy to install magnetic
mount offering temporary
plug and play installation
• NMO Magnetic Mount,
Black ABS Radome
• 1.5:1 VSWR Max
• 10 Foot, Black Low-Loss
LMR195 Equivalent Cable
• Reverse Polarity-SMA
Plug Connector
• Tunable Frequency
Applications:
• Offroad/Overland Vehicles
• Mining/Industrial
• Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment


Similar Part No. - FMANMOB1005-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANMOB1005-RTP FAIRVIEW-FMANMOB1005-RTP Datasheet
579Kb / 4P
136-174 MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
REV 1.1 A
More results

Similar Description - FMANMOB1005-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-2 PASTERNACK-PE51022-2 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
Vertical Omni Antenna 3500 MHz, 11 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com