Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1005-RTP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMANMOB1005-RTP
Description  136-174 MHz, 2.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-TNC Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1005-RTP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMANMOB1005-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1005-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1005-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc. FMANMOB1005-RTP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
135
140
145
150
155
160
165
170
175 (MHz)
500
490
480
470
460
450
440
430
420
410
400
390
380
L(MM)
CUTTING
CHART
Mechanical Specifications
Radome Material
Stainless Steel
Size
Length
22.85 in [580.39 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
1.13 lbs [512.56 g]
Environmental Specifications
.
FMANMOB1005-RTP
DATA SHEET
REV 1.1 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com