Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1006-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMANMOB1006-RSP
Description  136-174 MHz, 3.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1006-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMANMOB1006-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1006-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1006-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. FMANMOB1006-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
135
140
145
150
155
160
165
170
175 (MHz)
1350
1300
1250
1200
1150
1100
1050
1000
950
900
L(MM)
CUTTING CHART
Mechanical Specifications
Radome Material
Stainless Steel
Size
Length
54.74 in [139.04 cm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
1.46 lbs [662.24 g]
Environmental Specifications
.
FMANMOB1006-RSP
DATA SHEET
REV 1.1 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com