Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANMOB1008-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMANMOB1008-RSP
Description  136-174 MHz, 3.5 dBi Gain, Omni-directional Antenna with Magnetic NMO Mount, Reverse Polarity-SMA Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANMOB1008-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMANMOB1008-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANMOB1008-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANMOB1008-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. FMANMOB1008-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
CCUUTTTTIINNGG CCHHAARRTT
FFrreeqquueennccyy((MMHHzz))
113366
113388
114400
114422
114444
LL((mmmm))
11225500
11119911
11116699
11114477
11112211
FFrreeqquueennccyy((MMHHzz))
114466
114488
115500
115522
115544
LL((mmmm))
11009999
11007744
11004411
11001199
999977
FFrreeqquueennccyy((MMHHzz))
115566
115588
116600
116622
116644
LL((mmmm))
997755
995566
993377
991155
990055
FFrreeqquueennccyy((MMHHzz))
116666
116688
117700
117722
117744
LL((mmmm))
888866
887733
884488
882299
882233
Mechanical Specifications
Radome Material
Stainless Steel
Size
Length
54.74 in [139.04 cm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
1.46 lbs [662.24 g]
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
1: Loosen Screw, Sperate Whip and Base.
2: Find whip length of correct frequency according to cuting chart.
3: Measure the length of the steel whip and cut it from bottom side with-
out cap.
4: Re-fix the steel whip and the base with screws.
FMANMOB1008-RSP
DATA SHEET
REV 1.1 Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com