Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF5110
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF5110 Datasheet HTML 6Page - RF Micro Devices RF5110 Datasheet HTML 7Page - RF Micro Devices RF5110 Datasheet HTML 8Page - RF Micro Devices RF5110 Datasheet HTML 9Page - RF Micro Devices RF5110 Datasheet HTML 10Page - RF Micro Devices RF5110 Datasheet HTML 11Page - RF Micro Devices RF5110 Datasheet HTML 12Page - RF Micro Devices RF5110 Datasheet HTML 13Page - RF Micro Devices RF5110 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF5110
Rev A0 DS050318
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the die paddle size on the bottom of the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
A = 0.74 x 0.38 (mm) Typ.
B = 0.38 x 0.74 (mm) Typ.
C = 1.60 (mm) Sq.
Dimensions in
mm.
1.50
Typ.
0.50
Typ.
0.50
Typ.
0.55
Typ.
0.55
Typ.
0.75
Typ.
0.75
Typ.
1.50
Typ.
Pin 16
Pin 1
Pin 12
Pin 8
B
B
B
B
A
A
A
A
B
B
B
B
A
A
A
A
C
Figure 2. PCB Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com