Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3398 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3398
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3398_1 Datasheet HTML 2Page - RF Micro Devices RF3398_1 Datasheet HTML 3Page - RF Micro Devices RF3398_1 Datasheet HTML 4Page - RF Micro Devices RF3398_1 Datasheet HTML 5Page - RF Micro Devices RF3398_1 Datasheet HTML 6Page - RF Micro Devices RF3398_1 Datasheet HTML 7Page - RF Micro Devices RF3398_1 Datasheet HTML 8Page - RF Micro Devices RF3398_1 Datasheet HTML 9Page - RF Micro Devices RF3398_1 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RF3398
Rev A8 DS051025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB metal land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of
the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
NOTE: A small amount of ground inductance is required to achieve data sheet performance. The necessary inductance may be
generated by ensuring that no ground vias are placed directly below the footprint of the part.
A = 0.72 x 0.45 (mm) Typ.
Pin 1
A
A
A
A
A
A
3.32 (mm)
Typ.
0.65 (mm)
Typ.
1.01 (mm)
Typ.
0.72 (mm) Typ.
1.15 (mm)
2.27 (mm)
Typ.
1.05 (mm)
Typ.
0.75 (mm)
Typ.
0.41 (mm) Typ.
1.30 (mm)
Typ.
2.60 (mm)
0.65 (mm) Typ.
0.45 (mm) Typ.
Figure 2. PCB Solder Mask (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com