Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QWT3-R5 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QWT3-R5
Description  Waveguide Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWT3-R5 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QWT3-R5 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Waveguide Termination
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QWT3-R5
WR-3, 0.5W
Features:
Applications:
* Low VSWR
* Transmitters
* Broadband
* Antennas
* Laboratory Test
* Impedance Matching
Electrical
Frequency:
220~325GHz
Average Power
0.5W max.
VSWR:
1.1 max.
Mechanical
Interface:
WR-3
Environmental
Operation Temperature:
0~+40
℃
No-Operation Temperature:
-40~+70
℃
How To Order
QWT3-R5
Customization is available upon request.
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]


Similar Part No. - QWT3-R5

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QWT34-15 QUALWAVE-QWT34-15 Datasheet
148Kb / 1P
Low Power Waveguide Termination
Rev 1.2
QWT34-2K5 QUALWAVE-QWT34-2K5 Datasheet
170Kb / 1P
High Power Waveguide Termination
Rev 1.1
QWT34-K1 QUALWAVE-QWT34-K1 Datasheet
195Kb / 1P
Medium Power Waveguide Termination
Rev 1.1
QWT34-K5 QUALWAVE-QWT34-K5 Datasheet
178Kb / 1P
Medium Power Waveguide Termination
Rev 1.1
QWT34-R5-A-1 QUALWAVE-QWT34-R5-A-1 Datasheet
246Kb / 2P
Waveguide Calibration Kits
Rev 1.1
More results

Similar Description - QWT3-R5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
WAVEGUIDE TRANSCEIVERS
MO86561 MICROSEMI-MO86561 Datasheet
140Kb / 2P
WAVEGUIDE DETECTORS
logo
Pasternack Enterprises,...
PE9816 PASTERNACK-PE9816 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm
logo
API Technologies Corp
CMWF138-26 APITECH-CMWF138-26 Datasheet
106Kb / 1P
Waveguide Bandpass Filter
CMWD146-2 APITECH-CMWD146-2 Datasheet
116Kb / 1P
Waveguide Diplexer
CMWD146-1 APITECH-CMWD146-1 Datasheet
116Kb / 1P
Waveguide Diplexer
CMWD123 APITECH-CMWD123 Datasheet
109Kb / 1P
Waveguide Diplexer
logo
Pasternack Enterprises,...
PE-W10AT001-30 PASTERNACK-PE-W10AT001-30 Datasheet
405Kb / 3P
Rugged waveguide configuration
PE9881-34 PASTERNACK-PE9881-34_17 Datasheet
450Kb / 3P
Waveguide Horn
PE9881-42 PASTERNACK-PE9881-42_18 Datasheet
901Kb / 9P
Waveguide Horn
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com