Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS90 Datasheet(PDF) 1 Page - TUK Ltd

Part # PS90
Description  90 Degree Patch Lead Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

PS90 Datasheet(HTML) 1 Page - TUK Ltd

  PS90 Datasheet HTML 1Page - TUK Ltd PS90 Datasheet HTML 2Page - TUK Ltd PS90 Datasheet HTML 3Page - TUK Ltd PS90 Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90 Degree Patch Lead Adapter
90 degree patch lead adaptor (PS90*)
Our PS90* ethernet cable adapter provides a solution to an long-standing problem
– how to make a
network connection in a tight space. This quick-fix converter allows 90 degree angled connections using
standard Category 5e, 6 or 6A patch cables and allows the plug to be turned up, down, left or right as
required.
Features
• Allows 90 degree bend in standard patch cables with negligible negative impact on performance
• Suitable for cable OD up to 6.5mm
• Space requirement can be reduced to just 16mm behind plug
Specifications
• Material: PC
• Colours: * = Black/White/Transparent bk/wh/clr
• Net weight including packaging 32g (Poly bag of 20)
Packaging
Packaged in poly bags of 20 then in bags of 500
Dimensions including packaging 100 x 80 x 20mm


Similar Part No. - PS90

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001 RENESAS-PS9001 Datasheet
5Mb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
Oct 29, 2018
PS9001-F3 RENESAS-PS9001-F3 Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-F3 RENESAS-PS9001-F3 Datasheet
5Mb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
Oct 29, 2018
PS9001-V RENESAS-PS9001-V Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
More results

Similar Description - PS90

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6712 POMONA-6712 Datasheet
17Kb / 1P
F Type 90 Degree Adapter, Female to Male
logo
Richco, Inc.
LEDH-101C-34 RICHCO-LEDH-101C-34 Datasheet
130Kb / 1P
90 DEGREE LED HOLDER
LEDH-909-235 RICHCO-LEDH-909-235 Datasheet
38Kb / 1P
90 DEGREE LED HOLDER
LEDH-909-235R RICHCO-LEDH-909-235R Datasheet
42Kb / 1P
90 DEGREE LED HOLDER
logo
Alpha Wire
DW04DW117 ALPHAWIRE-DW04DW117 Datasheet
122Kb / 2P
M12 Male 90 Degree to M12 Male 90 Degree
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
M23 Female 90 Degree
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
M23 Male 90 Degree to M23 Female 90 Degree
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
M23 Male 90 Degree to M23 Female 90 Degree
GW0300100 ALPHAWIRE-GW0300100 Datasheet
161Kb / 2P
M8 Female 90 Degree
GW0400101 ALPHAWIRE-GW0400101 Datasheet
163Kb / 2P
M8 Female 90 Degree
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com