Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9282 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC9282
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC9282 Datasheet HTML 20Page - Torex Semiconductor XC9282 Datasheet HTML 21Page - Torex Semiconductor XC9282 Datasheet HTML 22Page - Torex Semiconductor XC9282 Datasheet HTML 23Page - Torex Semiconductor XC9282 Datasheet HTML 24Page - Torex Semiconductor XC9282 Datasheet HTML 25Page - Torex Semiconductor XC9282 Datasheet HTML 26Page - Torex Semiconductor XC9282 Datasheet HTML 27Page - Torex Semiconductor XC9282 Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24/30
XC9281/XC9282 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Oscillation Frequency vs. Output Current (Continued)
(9) Pch Driver ON Resistance vs. Ambient Temperature
(10) Nch Driver ON Resistance vs. Ambient Temperature
(11) LxSW”H” Leakage Current vs. Ambient Temperature
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃)
XC9281B18E0R/XC9281B18D0R(VOUT=1.8V)
VIN=2.5V
VIN=3.6V
VIN=5.0V
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta (℃ )
XC9281B18E0R/XC9281B18D0R(VOUT=1.8V)
VIN=5.0V
VIN=2.5V
VIN=3.6V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta (℃ )
XC9282B18E/XC9282B18D(VOUT=1.8V)
VIN=5.5V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1
10
100
1000
Output Current: IOUT (mA)
XC9281B08D(VOUT=0.8V, fOSC=4MHz)
VIN=5.0V
VIN=3.0V
VIN=3.7V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1
10
100
1000
Output Current: IOUT (mA)
XC9281B18D(VOUT=1.8V, fOSC=4MHz)
VIN=3.7V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=5.0V
VIN=3.0V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.1
1.0
10.0
100.0
1000.0
Output Current: IOUT (mA)
XC9281B33D(VOUT=3.3V, fOSC=4MHz)
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=4.5V
VIN=5.0,5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com