Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF2 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 31DF2
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

31DF2 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  31DF2 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 31DF2 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0264016
2
.
31DF1(Z)--- 31DF2(Z)
FIG.1-- TEST CIRCUIT DIAGRAMANDREVERSERECOVERYTIMECHARACTERISTIC
SETTIMEBASEFOR10ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1M . 22pF. JJJJ
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
RATINGSANDCHARACTERISTICCURVES
INSTANTANEOUS FORWARDVOLTAGE, VOLTS
FIG.2-- TYPICAL FORWARDCHARACTERISTIC
FIG.3-- FORWARDDERATINGCURVE
AMBIENTTEMPERATURE,
FIG.4-- TYPICAL JUNCTIONCAPACITANCE
FIG.5-- PEAKFORWORDSURGECURRENT
NUMBEROF CYCLES AT60HZ
REVERSE VOLTAGE, VOLTS
50
0
25
75
125
100
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SinglePhase
Half Wave60HZ
Resistiveor
InductiveLoad
0.375"(9.5mm)LeadLength
0.1
1.0
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ=25
Pulse Width=300
µs
0.2
0.4
2.0
4.0
20
40
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
t rr
-1.0A
-0.25A
0
+0.5A
1cm
TJ=25
f=1.0MHz
10
20
40
60
100
200
400
600
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
0
50
1
10
100
75
8.3msSingleHalf
Sine-Wave
125
100
25
150
5
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com