Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 31DF4
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

31DF4 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  31DF4 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 31DF4 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0264017
50
0
25
75
125
100
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
2.0
1.5
1.0
0.5
0
0.01
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ=25
Pulse Width=300
µs
0.02
0.04
0.2
0.4
2
4
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
t rr
-1 .0 A
-0 .2 5 A
0
+ 0 .5 A
1c m
TJ=25
f=1.0MHz
10
20
40
60
100
200
400
600
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
25
50
75
100
150
125
1
0
10
5
50
100
8.3ms Single Half
Sine - Wave
NUMBEROF CYCLES AT60HZ
FIG.5-- PEAKFORWORDSURGECURRENT
REVERSE VOLTAGE, VOLTS
FIG.4-- TYPICAL JUNCTIONCAPACITANCE
31DF3 --- 31DF4
FIG.1 -- TEST CIRCUIT DIAGRAM ANDREVERSERECOVERYTIMECHARACTERISTIC
SETTIMEBASEFOR10ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1M . 22pF. JJJJ
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
RATINGSANDCHARACTERISTICCURVES
FIG.2 -- TYPICAL FORWARDCHARACTERISTIC
FIG.3 -- FORWARDDERATINGCURVE
AMBIENTTEMPERATURE,
INSTANTANEOUS FORWARDVOLTAGE, VOLTS
2.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com