Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8122S Datasheet(PDF) 2 Page - Chipstar Micro-electronics

Part # CS8122S
Description  3.0W mono ultra-low EMI / filterless Class-D audio amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8122S Datasheet(HTML) 2 Page - Chipstar Micro-electronics

  CS8122S Datasheet HTML 1Page - Chipstar Micro-electronics CS8122S Datasheet HTML 2Page - Chipstar Micro-electronics CS8122S Datasheet HTML 3Page - Chipstar Micro-electronics CS8122S Datasheet HTML 4Page - Chipstar Micro-electronics CS8122S Datasheet HTML 5Page - Chipstar Micro-electronics CS8122S Datasheet HTML 6Page - Chipstar Micro-electronics CS8122S Datasheet HTML 7Page - Chipstar Micro-electronics CS8122S Datasheet HTML 8Page - Chipstar Micro-electronics CS8122S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Chipstar Micro electronics
-
Copyright@Chipstar Microelectronics
page2
www chipstar ic com
Mar,2012 Rev1.1
.- .
CS8122S
CS8122S
INN
INP
AVDD
SHUTDOWN
GND
VOP
VON
Cs
1nF
1nF
BEAD
PVDD
1μF
Cin
Cin
Rin
Rin
150kΩ
Output
Stage
Class-D
Modulator
TTL
Buffer
OCP
Internal
Oscillator
AERC
Module
System
Control
Pop & Click
Suppression
150kΩ
UVLO
OTP
Gain2=2 V/V
Gain1=150kΩ/Rin
BEAD
CS8122S
VO-
GND
VDD
VO+
CS8122S
IN-
Cin
IN+
Rin
Cin
Rin
SHUTDOWN
Off
On
1
CS8122S
VO-
GND
VDD
VO+
CS8122S
IN-
Cin
IN+
Rin
Cin
Rin
SHUTDOWN
Off
On
2
CS8122S
10μF
Cs
1μF 10μF
Cs
Cs
1μF 10μF
Cs
IN
Cs
Cs
1μF
1μF
Cs
Cs
GND
GND
VO
V
& Click
C
uppression
uppression
CS812
CS8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com