Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAS4F313002XXX Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # PSAS4F313002XXX
Description  SAS/PCIe® 4.0 (U.2&U.3) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

PSAS4F313002XXX Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  PSAS4F313002XXX Datasheet HTML 1Page - Amphenol Communications Solutions PSAS4F313002XXX Datasheet HTML 2Page - Amphenol Communications Solutions PSAS4F313002XXX Datasheet HTML 3Page - Amphenol Communications Solutions PSAS4F313002XXX Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
SAS/PCIe® 4.0 (U.2&U.3) Connectors
PART NUMBERS
Note: More options are available upon request. Please contact your local sales representative.
SAS/PCIe 4.0 Receptacle
Application
Orientation
Termination
Type
Retainers
Height
(mm)
Mount Type
Impedance
Others
Part Numbers
U.2
Vertical
SMT
DIP
8.15
Top mount
92Ω
Wide base
PSAS4F313002XXX
U.2
Vertical
SMT
DIP
8.15
Top mount
92Ω
High dura-
bility
PSASF313027XXX
U.2
Right Angle
SMT
DIP
2.85
Top mount
92Ω
Standard
PSAS4F213002XXX
U.2
Right Angle
SMT
DIP
2.85
Top mount
92Ω
Reverse
PSAS4F213001XXX
U.2
Vertical
SMT
SMT
8.15
Top mount
92Ω
-
PSAS4F313004XXX
U.2
Vertical
SMT
DIP
8.15
Top mount
92Ω
-
PSAS4F313012XXX
U.2
Right Angle
Hybrid
DIP
1.75
Top mount
92Ω
-
PSAS4F413001XXX
U.2
Vertical
SMT
Fork-lock
8.15
Top mount
92Ω
-
PSAS4F313009XXX
U.2&U.3
Vertical
SMT
SMT
8.15
Top mount
92Ω
-
PSAS4F313001XXX
U.2&U.3
Vertical
SMT
SMT
8.15
Top mount
92Ω
-
PSAS4F313007XXX
U.2&U.3
Vertical
SMT
DIP
8.15
Top mount
92Ω
-
PSAS4F313008XXX
U.2
Vertical
SMT
DIP
8.15mm
Top Mount
92Ω
Wide base
PSAS4F313011xxx
U.2&U.3
Vertical
SMT
Fork lock
8.15mm
Top Mount
85Ω
-
PSAS4F313018xxx
U.2&U.3
Vertical
SMT
SMT
8.15mm
Top Mount
85Ω
-
PSAS4F313028xxx
U.2
R/A
SMT
DIP
2.85mm
Sink type
92Ω
-
PSAS4F213004xxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com