Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAS4F213002XXX Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # PSAS4F213002XXX
Description  SAS/PCIe® 4.0 (U.2&U.3) Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

PSAS4F213002XXX Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  PSAS4F213002XXX Datasheet HTML 1Page - Amphenol Communications Solutions PSAS4F213002XXX Datasheet HTML 2Page - Amphenol Communications Solutions PSAS4F213002XXX Datasheet HTML 3Page - Amphenol Communications Solutions PSAS4F213002XXX Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
MATERIAL
§
Contact Base Metal: Copper alloy
§
Contact Area Plating: Gold over nickel
§
Solder Tail Plating: Tin over nickel
§
Retainer Clip Base Metal: Copper alloy
§
Retainer Plating: Tin over nickel
§
Housing: Halogen-free high temperature
thermoplastic (UL94V-0), black
ELECTRICAL PERFORMANCE
§
Contact Resistance: 30mΩ max. for signal
contacts. Per EIA 364-23
§
Current Rating: 1.5A min. per contact with
temperature rise not exceeding 30°C (power pins
only: P1–P15). Per EIA 364-70B
§
Insulation Resistance: 1000MΩ min. per
EIA 364-21
MECHANICAL PERFORMANCE
§
Durability: 500 mating cycles
§
Mating Force: 59N max.
§
Unmating Force: 6N min.
ENVIRONMENTAL
§
Humidity: 96 hours at 40°C with 90-95%
relative humidity. Per EIA 364-31, Method II,
test condition A
§
Temperature Life: 85°C for 500 hours. Per EIA
364-17 test condition III, method A
§
Thermal Shock: 10 cycles between -55°C to
+85°C. Per EIA 364-32, test condition I
§
Mixed Flow Gas: Expose ½ samples unmated
for 7 days and then mated for 7 additional
days; the other ½ samples are exposed mated
for 14 days. Per EIA 364-65, class II Aexposed
mated for 14 days. Per EIA 364-65, class II A
SPECIFICATIONS
§
Amphenol Product Specification: SSAS009
PACKAGING
§
Tape and Reel
§
Tray
TARGET MARKETS/APPLICATIONS
Processor and Storage Blade
Mezzanine Card
HDD
HDD Carrier
External Storage System
Interposer Card
Server
Storage Server
Processor and Storage Blade
TECHNICAL INFORMATION
SAS/PCIe® 4.0 (U.2&U.3) Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com