Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58101 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX58101
Description  EtherCAT SubDeviceController
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58101 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX58101 Datasheet HTML 1Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AX58101/AX58102
Product Brief
Release Date: 05/29/2025
ASIX Electronics Corporation
4F, No. 8, Hsin Ann Road, Hsinchu Science Park, Hsinchu, 30078, Taiwan
TEL: +886-3-5799500 FAX: +886-3-5799558
Email: sales@asix.com.tw
https://www.asix.com.tw/
Website
WeChat
LINE
EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.
Key Features
EtherCAT SubDevice Controller (ESC)
Integrates 2 Fast Ethernet PHYs and 3rd & 4th MII Ports for
Flexible Network Topology
Supports Port 0 and Port 2 Swapping
8KB RAM, 8 FMMUs and 8 Sync Managers
64-bit Distributed Clock
Support up to 32(AX58101)/64(AX58102) DIO/GPIOs
Individually configurable IOs, directly mapped to FMMU
Local Bus Interface
Supports 8-bit or 16-bit Data Bus Width
Supports Asynchronous Local Bus
Supports BHE with 16-bit Data Bus Width
SPI Slave Interface
Supports SPI Mode 3 Timing
Supports MSB First Transfer Fashion
SPI Master Interface
Programmable SPI Clock Frequency up to 50MHz
Supports 4 SPI Timing Modes
Supports MSB/LSB First Transfer Fashion
Supports up to 8 SPI Devices Selection and 8 SPI Channels
Supports ADC Data Ready and DAC Data Loaded Indication
Supports Periodic Data Acquisition
Supports Late Sample for High Latency Device
Supports External Interrupt Input
Communication/Control Interfaces
3-Channel PWM Controller
Stepper & Direction Controller
Incremental and Hall Encoder Interface
Emergency Stop Input
Configurable Watchdog for I/O Monitoring
One I2C Master Interface
Integrates On-chip Power-on Reset Circuit
80-pin(AX58101)/128-pin(AX58102) LQFP RoHS Package
Operating Temperature Range: -40 to +105°C
EtherCAT SubDevice Controller
The AX58101/AX58102 is an EtherCAT SubDevice Controller (ESC) that integrates two Fast
Ethernet PHYs and two MII network interfaces, supporting port 0 and port 2 swapping for
flexible network topology. It supports the Local Bus and SPI Slave PDI interfaces to simplify
microprocessor connection, and provide a variety of communication and control interfaces
including PWM, ABZ/Hall encoder, SPI master, and digital I/O.
The AX58201(2) is interoperable with all EtherCAT systems using standard EtherCAT
communication protocols such as CoE, FoE, and VoE. It is suitable for motor/motion
control, digital I/O control, sensors data acquisition, robotics, EtherCAT to IO-Link
gateways and EtherCAT Junction modules applications.
Target Applications
Motor/Motion Control
Digital I/O Control
Robotics
Sensors Data Acquisition
EtherCAT to IO-Link Gateway
EtherCAT Junction Module
Communication Module
Operator HMI Interfaces
Block/Application Diagrams


Similar Part No. - AX58101

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
AX58100 ASIX-AX58100 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
AX58100LT ASIX-AX58100LT Datasheet
5Mb / 71P
EtherCAT Slave Controller
More results

Similar Description - AX58101

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
EtherCAT Slave Controller SoC
logo
Contec Co., Ltd
CPS-PCS341EC-DS1-1201 CONTEC-CPS-PCS341EC-DS1-1201 Datasheet
380Kb / 3P
CODESYS EtherCAT Master
logo
Adlink Technology Inc.
EU-6000 ADLINK-EU-6000 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Festo Corporation.
8086609 FESTO-8086609 Datasheet
89Kb / 2P
EtherCAT interface
logo
WAGO Kontakttechnik Gmb...
750-354 WAGO-750-354 Datasheet
603Kb / 12P
Fieldbus Coupler EtherCAT
logo
Beckhoff Automation Gmb...
CX8110 BECKHOFF-CX8110 Datasheet
140Kb / 3P
Embedded PC with EtherCAT
FC1028 BECKHOFF-FC1028 Datasheet
157Kb / 2P
PCIe EtherCAT master card
logo
WAGO Kontakttechnik Gmb...
768-2201 WAGO-768-2201 Datasheet
492Kb / 5P
Fieldbus Coupler; EtherCAT
logo
Beckhoff Automation Gmb...
CU1128 BECKHOFF-CU1128 Datasheet
196Kb / 1P
EtherCAT junction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com