Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAS5F3130081TR Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # PSAS5F3130081TR
Description  SAS/PCIe 5.0 (U.2 & U.3) Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

PSAS5F3130081TR Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  PSAS5F3130081TR Datasheet HTML 1Page - Amphenol Communications Solutions PSAS5F3130081TR Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
MATERIAL
§
§
Contact Base Metal: Copper alloy
§
§
Contact Area Plating: Gold over nickel
§
§
Solder Tail Plating: Tin over nickel
§
§
Retainer Clip Base Metal: Copper alloy
§
§
Retainer Plating: Tin over nickel
§
§
Housing: Halogen-free high temperature
thermoplastic (UL94V-0), black
ELECTRICAL PERFORMANCE
§
§
Contact Resistance: 30mΩ max. for signal
contacts. Per EIA 364-23
§
§
Current Rating: 1.5A min. per contact with
temperature rise not exceeding 30°C (power pins
only: P1–P15). Per EIA 364-70B
§
§
Insulation Resistance: 1000MΩ min. per
EIA 364-21
MECHANICAL PERFORMANCE
§
§
Durability: 500 mating cycles
§
§
Mating Force: 59N max.
§
§
Unmating Force: 6N min.
ENVIRONMENTAL
§
§
Humidity: 96 hours at 40°C with 90-95% relative humidity.
Per EIA 364-31, Method II, test condition A
§
§
Temperature Life: 85°C for 500 hours. Per EIA 364-17 test
condition III, method A
§
§
Thermal Shock: 10 cycles between -55°C to +85°C. Per EIA
364-32, test condition I
§
§
Mixed Flow Gas: Expose ½ samples unmated for 7 days
and then mated for 7 additional days; the other ½ samples
are exposed mated for 14 days. Per EIA 364-65, class II A
exposed mated for 14 days. Per EIA 364-65, class II A
SPECIFICATIONS
§
§
Amphenol Product Specification: S-PSAS-004
PACKAGING
§
§
Tape and Reel
§
§
Tray
TARGET MARKETS/APPLICATIONS
Processor and Storage Blade
Mezzanine Card
HDD
HDD Carrier
External Storage System
Interposer Card
Server
Storage Server
Processor and Storage Blade
TECHNICAL INFORMATION
SAS/PCIe 5.0 (U.2 & U.3) Connectors
Note: More options are available upon request. Please contact your local sales representative.
PART NUMBERS
SAS/PCIe 5.0 Receptacle
Application
Orientation Termination Type Retainers
Height (mm) Mount Type
Impedance
Part Numbers
cU.2 & U.3
Vertical
SMT
SMT
8.15
Top mount
85Ω
PSAS5F3130021TR
SAS/PCIe 5.0 Header
Application
Orientation Termination Type Retainers
Height (mm) Mount Type
Impedance
Part Numbers
cU.2 & U.3
Right Angle SMT
SMT
4.9
Top mount
85Ω
PSAS5M2130021TR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com