Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB-H Datasheet(PDF) 8 Page - Cree, Inc

Part # XB-H
Description  Cree® XLamp® XB-H LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XB-H Datasheet(HTML) 8 Page - Cree, Inc

Back Button XB-H Datasheet HTML 4Page - Cree, Inc XB-H Datasheet HTML 5Page - Cree, Inc XB-H Datasheet HTML 6Page - Cree, Inc XB-H Datasheet HTML 7Page - Cree, Inc XB-H Datasheet HTML 8Page - Cree, Inc XB-H Datasheet HTML 9Page - Cree, Inc XB-H Datasheet HTML 10Page - Cree, Inc XB-H Datasheet HTML 11Page - Cree, Inc XB-H Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright © 2014-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. UL® and
the UR logo are registered trademarks of UL LLC.
8
XLamp® XB-H LED
rEFLow soLDErinG CHArACtEristiCs
In testing, Cree has found XLamp XB‑H LEDs to be compatible with JEDEC J‑STD‑020C, using the parameters listed below. As a general
guideline, Cree recommends that users follow the recommended soldering profile provided by the manufacturer of the solder paste used,
and therefore it is the lamp or luminaire manufacturer’s responsibility to determine applicable soldering requirements.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free solder
Average Ramp‑Up Rate (Ts
max to Tp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120 °C
Preheat: Temperature Max (Ts
max)
170 °C
Preheat: Time (ts
min to tsmax)
65-150 seconds
Time Maintained Above: Temperature (T
L)
217 °C
Time Maintained Above: Time (t
L)
45‑90 seconds
Peak/Classification Temperature (Tp)
235 ‑ 245 °C
Time Within 5 °C of Actual Peak Temperature (tp)
20‑40 seconds
Ramp‑Down Rate
1 ‑ 6 °C/second
Time 25 °C to Peak Temperature
4 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
IPC/JEDEC J‑STD‑020C
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com