Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22170 Datasheet(PDF) 1 Page - Wiha Tools

Part # 22170
Description  L-key with T-handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

22170 Datasheet(HTML) 1 Page - Wiha Tools

  22170 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
214
Which drives are used for each individual product? Page 304
L-key with T-handle
Hexagon MagicRing® brilliant nickel-plated
334R
Order-No.
22168
3
100
126
80
26
10
22170
4
150
176
80
26
10
22172
5
150
182
100
32
10
22174
6
150
182
100
32
10
21960
8
200
232
100
32
10
21962
10
200
238
120
38
10
L-key with T-handle
Hexagonal ball end brilliant nickel-plated
540
Order-No.
04111
4
150
176
80
26
10
04108
5
150
182
100
32
10
04105
6
150
182
100
32
10
04099
8
200
238
100
32
10
04096
10
200
238
120
38
10
L-key with T-handle
Hexagon brilliant nickel-plated
334
Order-No.
00904
2
100
-
126
80
26
10
00905
2
200
-
226
80
26
10
00906
2,5
100
-
126
80
26
10
00907
2,5
200
-
226
80
26
10
00908
3
100
-
126
80
26
10
00909
3
150
-
176
80
26
10
00910
3
200
-
226
80
26
10
00911
3•
350
5+
382
100
32
10
00912
4
100
-
126
80
26
10
00913
4
150
-
176
80
26
10
00914
4
200
-
226
80
26
10
00915
4•
350
5+
382
100
32
10
00916
5
100
-
132
100
32
10
00917
5
150
-
182
100
32
10
00918
5
200
-
232
100
32
10
00919
5
350
-
382
100
32
10
00921
6
100
-
132
100
32
10
00922
6
150
-
182
100
32
10
00923
6
200
-
232
100
32
10
00924
6
350
-
382
100
32
10
00926
7
200
-
232
100
32
10
00928
8
100
-
132
100
32
10
00929
8
150
-
182
100
32
10
00930
8
200
-
232
100
32
10
00931
8
350
-
382
100
32
10
00933
10
100
-
138
120
38
10
00934
10
200
-
238
120
38
10
00937
12
200
-
238
120
38
5
• Overlength with reinforced blade.


Similar Part No. - 22170

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
2217000 COHERENT-2217000 Datasheet
625Kb / 6P
QD FIBER OPTIC CABLE
logo
TE Connectivity Ltd
2217000-1 TEC-2217000-1 Datasheet
1Mb / 20P
AMP-O-LECTRIC Model G II
2217000-2 TEC-2217000-2 Datasheet
1Mb / 20P
AMP-O-LECTRIC Model G II
logo
Coherent Corp
2217001 COHERENT-2217001 Datasheet
625Kb / 6P
QD FIBER OPTIC CABLE
2217002 COHERENT-2217002 Datasheet
625Kb / 6P
QD FIBER OPTIC CABLE
More results

Similar Description - 22170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Schneider Electric
NSYTHL405PLM SCHNEIDER-NSYTHL405PLM Datasheet
80Kb / 2P
External handle with 405 barrel & key
May 7, 2021
NSYTHL421PLM SCHNEIDER-NSYTHL421PLM Datasheet
80Kb / 2P
External handle with 421 barrel & key
May 7, 2021
NSYTHL455PLM SCHNEIDER-NSYTHL455PLM Datasheet
80Kb / 2P
External handle with 455 barrel & key
May 7, 2021
NSYTHL1242EPLM SCHNEIDER-NSYTHL1242EPLM Datasheet
80Kb / 2P
External handle with 1242E barrel & key
May 7, 2021
NSYTHL2331APLM SCHNEIDER-NSYTHL2331APLM Datasheet
80Kb / 2P
External handle with 2331A barrel & key
May 7, 2021
NSYTHL2433APLM SCHNEIDER-NSYTHL2433APLM Datasheet
80Kb / 2P
External handle with 2433A barrel & key
May 7, 2021
NSYTHL3113APLM SCHNEIDER-NSYTHL3113APLM Datasheet
80Kb / 2P
External handle with 3113A barrel & key
May 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com