Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-80-S-HS-RMB Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-AS-80-S-HS-RMB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-80-S-HS-RMB Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-AS-80-S-HS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-80-S-HS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-80-S-HS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
To UK instructions for electrical equipment
Certificate issuing authority
UL E342973
Nominal operating voltage DC
680 V
Type of winding switch
Star inside
Number of pole pairs
5
Stall torque
1.46 Nm
Nominal torque
1.3 Nm
Peak torque
2.8 Nm
Nominal rotary speed
3000 rpm
Max. rotational speed
8950 rpm
Max. mechanical speed
14000 rpm
Angular acceleration
≤100000 rad/s²
Motor nominal power
408 W
Continuous stall current
2 A
Motor nominal current
1.76 A
Peak current
5.4 A
Motor constants
0.74 Nm/A
Standstill torque constant
0.89 Nm/A
Voltage constant, phase-to-phase
53.6 mVmin
Phase-phase winding resistance
12.4 Ohm
Winding inductance phase-phase
39.8 mH
Winding longitudinal inductivity Ld (phase)
25 mH
Cross inductivity Lq (phase)
29.8 mH
Electric time constant
4.8 ms
Thermal time constant
42 min
Thermal resistance
0.95 K/W
Measuring flange
250 x 250 x 15 mm, steel
Total output inertia moment
0.897 kgcm²
Product weight
2720 g
Permissible axial shaft load
120 N
Permissible radial shaft load
620 N
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor for manufacturer designation
EQI 1131
Rotor position encoder for absolutely detectable revolutions
4096
Rotor position sensor interface
EnDat® 22
Rotor position sensor measuring principle
Inductive
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
3.6 V ... 14 V
Rotor position encoder for positional values per revolution
524288
Rotor position sensor resolution
19 bit
Rotor position encoder system accuracy angle measurement
-120 arcsec ... 120 arcsec
Brake holding torque
4.5 Nm
Brake DC operating voltage
24 V
Brake current consumption
0.5 A
Brake power consumption
12 W
Brake coil resistance
48 Ohm
Brake coil inductivity
1000 mH
Brake separation time
≤55 ms
Brake closing time
≤15 ms
1/4/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com