Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16-RL Datasheet(PDF) 96 Page - Analog Devices

Part # ADE7569ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16-RL Datasheet(HTML) 96 Page - Analog Devices

Back Button ADE7569ASTZF16-RL Datasheet HTML 92Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 93Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 94Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 95Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 96Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 97Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 98Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 99Page - Analog Devices ADE7569ASTZF16-RL Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 96 of 144
LCD DRIVER
Using shared pins, the LCD module is capable of directly driving an
LCD panel of 17 × 4 segments without compromising any
ADE7566/ADE7569/ADE7166/ADE7169 functions. It is
capable of driving LCDs with 2×, 3×, and 4× multiplexing. The
LCD waveform voltages generated through internal charge
pump circuitry support up to 5 V LCDs. An external resistor
ladder for LCD waveform voltage generation is also supported.
Each ADE7566/ADE7569/ADE7166/ADE7169 has an embedded
LCD control circuit, driver, and power supply circuit. The LCD
module is functional in all operating modes (see the Operating
Modes section).
LCD REGISTERS
There are six LCD control registers that configure the driver for
the specific type of LCD in the end system and set up the user
display preferences. The LCD Configuration SFR (LCDCON,
0x95), LCD Configuration X SFR (LCDCONX, 0x9C), and
LCD Configuration Y SFR (LCDCONY, 0xB1) contain general
LCD driver configuration information including the LCD enable
and reset, as well as the method of LCD voltage generation and
multiplex level. The LCD Clock SFR (LCDCLK, 0x96) configures
timing settings for LCD frame rate and blink rate. LCD pins are
configured for LCD functionality in the LCD Segment Enable
SFR (LCDSEGE, 0x97) and LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED).
Table 77. LCD Driver SFRs
SFR Address
R/W
Name
Description
0x95
R/W
LCDCON
LCD Configuration SFR (see Table 78).
0x96
R/W
LCDCLK
LCD Clock (see Table 82).
0x97
R/W
LCDSEGE
LCD Segment Enable (see Table 85).
0x9C
R/W
LCDCONX
LCD Configuration X (see Table 79).
0xAC
R/W
LCDPTR
LCD Pointer (see Table 86).
0xAE
R/W
LCDDAT
LCD Data (see Table 87).
0xB1
R/W
LCDCONY
LCD Configuration Y (see Table 81).
0xED
R/W
LCDSEGE2
LCD Segment Enable 2 (see Table 88).
Table 78. LCD Configuration SFR (LCDCON, 0x95)
Bit
Mnemonic
Value
Description
7
LCDEN
0
LCD Enable. If this bit is set, the LCD driver is enabled.
6
LCDRST
0
LCD Data Registers Reset. If this bit is set, the LCD data registers are reset to zero.
5
BLINKEN
0
Blink Mode Enable Bit. If this bit is set, blink mode is enabled. The blink mode is configured by the
BLKMOD[1:0] and BLKFREQ[1:0] bits in the LCD Clock SFR (LCDCLK, 0x96).
Forces LCD off when in PSM2 (Sleep Mode). Note that the internal voltage reference must be enabled by setting
the REF_BAT_EN bit in the Peripheral Configuration SFR (PERIPH, 0xF4) to allow LCD operation in PSM2.
LCDPSM2
Result
0
The LCD is disabled or enabled in PSM2 by the LCDEN bit.
4
LCDPSM2
0
1
The LCD is disabled in PSM2 regardless of LCDEN setting.
LCD Clock Selection.
CLKSEL
Result
0
fLCDCLK = 2048 Hz
3
CLKSEL
0
1
fLCDCLK = 128 Hz
Bias Mode.
BIAS
Result
0
1/2
2
BIAS
0
1
1/3
LCD Multiplex Level.
LMUX[1:0]
Result
00
Reserved.
01
2× Multiplexing. FP27/COM3 is used as FP27. FP28/COM2 is used as FP28.
10
3× Mulitplexing. FP27/COM3 is used as FP27. FP28/COM2 is used as COM2.
1 to 0
LMUX[1:0]
0
11
4× Multiplexing. FP27/COM3 is used as COM3. FP28/COM2 is used as COM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com