Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940V85 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4940V85
Description  VERY LOW DROP 1.5 A REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940V85 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4940V85 Datasheet HTML 3Page - STMicroelectronics L4940V85 Datasheet HTML 4Page - STMicroelectronics L4940V85 Datasheet HTML 5Page - STMicroelectronics L4940V85 Datasheet HTML 6Page - STMicroelectronics L4940V85 Datasheet HTML 7Page - STMicroelectronics L4940V85 Datasheet HTML 8Page - STMicroelectronics L4940V85 Datasheet HTML 9Page - STMicroelectronics L4940V85 Datasheet HTML 10Page - STMicroelectronics L4940V85 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Figure 10 : Quiescent Current vs. Temperature
(L4940V5).
Figure 11 : Quiescent Current vs. Input Voltage
(L4940V5).
Figure 12 : Quiescent Current vs. Output Current
(L4940V5).
Figure 13 : Short-circuit Current vs. Temperature
(L4940V5).
Figure 14 : Peak Output Current vs.
Input/Output Differential Voltage (L4940V5).
Figure 15 : Low Voltage Behavior (L4940V5 ).
L4940 series
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com