Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4943 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4943
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4943 Datasheet(HTML) 3 Page - STMicroelectronics

  L4943 Datasheet HTML 1Page - STMicroelectronics L4943 Datasheet HTML 2Page - STMicroelectronics L4943 Datasheet HTML 3Page - STMicroelectronics L4943 Datasheet HTML 4Page - STMicroelectronics L4943 Datasheet HTML 5Page - STMicroelectronics L4943 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Referred to Test & Application Circuit; VS = 14.4V; Tamb = 25°C;
unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
5V STAND-BY
Vout Mem
Output Voltage
no load; 1+R1/R2 = 2.4
no load; 1+R1/R2 = 4
no load; 1+R1/R2 = 5.6
2.85
4.75
6.65
3
5
7
3.15
5.25
7.35
V
V
V
∆Vline
Line Regulation
no load; 11<Vs<18V
5
50
mV
∆Vload
Load Regulation
5mA < IO < 500mA
8
80
mV
Vdropout
Dropout Voltage
IO = 200mA, VO = 5V
IO = 500mA, VO = 5V
0.36
0.9
0.5
1.25
V
V
Ilim
Current Limit
Out short to GND
550
800
1000
mA
Iqst-by
Quiescent Current
IO = 100
µA; EN1 = EN2 =0
IO = 500mA; EN1 = EN2 = 5V
0.35
10
0.5
25
mA
mA
ADJUSTABLE REG1 SWITCHED
Voutadj
Output Voltage
no load; 1+R3/R4 = 2.4
no load; 1+R3/R4 = 4
no load; 1+R3/R4 = 8.8
2.85
4.75
10.45
3
5
11
3.15
5.25
11.55
V
V
V
∆Vline
Line Regulation
no load
0.7
7
mV/V
∆Vload
Load Regulation
5mA < IO < 500mA
8
80
mV
Vdropout
Dropout Voltage
IO = 200mA, VO = 5V
IO = 500mA, VO = 5V
IO = 200mA, VO = 11V
IO = 500mA, VO = 11V
0.45
1.1
0.4
1
0.6
1.5
0.55
1.4
V
V
V
V
Ilim
Current Limit
Out short to GND
550
800
1000
mA
Iq2
Quiescent Current
IO = 500mA
10
25
mA
SVR
Supply Voltage Rejection
f = 0.1 to 10kHz, VO = 5V
45
55
dB
EN1 on
EN ADJ1 ON
2
V
EN1 off
EN ADJ1 OFF
1V
ADJUSTABLE REG2 SWITCHED
Voutadj
Output Voltage
no load; 1+R3/R4 = 2.4
no load; 1+R5/R6 = 4
no load; 1+R3/R4 = 8.8
2.85
4.75
10.45
3
5
11
3.15
5.25
11.55
V
V
V
∆Vline
Line Regulation
no load
0.7
7
mV/V
∆Vload
Load Regulation
5mA < IO < 500mA
12
80
mV
Vdropout
Dropout Voltage
IO = 200mA, VO = 5V
IO = 500mA, VO = 5V
IO = 200mA, VO = 11V
IO = 500mA, VO = 11V
0.45
1.1
0.4
1
0.6
1.5
0.55
1.4
V
V
V
V
Ilim
Current Limit
Out short to GND
550
800
1100
mA
Iq3
Quiescent Current
IO = 500mA
10
25
mA
SVR
Supply Voltage Rejection
f = 0.1 to 10kHz, VO = 5V
45
55
dB
EN2H on2
EN ADJ2 ON
1.3
V
EN2H off2
EN ADJ2 OFF
0.5
V
400mA HSD SWITCHED
Vdropout
Dropout Voltage
IO = 400mA, 9V < VS < 16V
0.2
0.6
V
Ilim
Current Limit
0.45
0.65
0.8
A
Iqhsd
Quiescent Current
IO = 400mA
10
25
mA
EN2 on H
EN HSD ON
2.5
V
EN2 off H
EN HSD OFF
1.7
V
EN2 Gap
EN HSD ON minus EN ADJ2
ON
1V
L4943
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com