Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS6513 Datasheet(PDF) 2 Page - Orister Corporation

Part # RS6513
Description  PWM Control 2A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS6513 Datasheet(HTML) 2 Page - Orister Corporation

  RS6513 Datasheet HTML 1Page - Orister Corporation RS6513 Datasheet HTML 2Page - Orister Corporation RS6513 Datasheet HTML 3Page - Orister Corporation RS6513 Datasheet HTML 4Page - Orister Corporation RS6513 Datasheet HTML 5Page - Orister Corporation RS6513 Datasheet HTML 6Page - Orister Corporation RS6513 Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page No. : 2/7
DS-RS6513-03
Oct, 2007
www.Orister.com
Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Range
Units
VCC
VCC Pin Voltage
VSS-0.3 to VSS+22
V
VFB
Feedback Pin Voltage
VSS-0.3 to VCC
V
VEN
EN Pin Voltage
VSS-0.3 to VIN+0.3
V
VOUTPUT
Switch Pin Voltage
VSS-0.3 to VIN+0.3
V
PD
Power Dissipation
Internally limited
mW
TOPR
Operating Temperature Range
-20 to +125
oC
TSTG
Storage Temperature Range
-40 to +150
oC
Electrical Characteristics (V
IN = 12V, Ta=25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
-
3.6
-
18
V
VFB
Feedback Voltage
IOUT=0.1A
0.782
0.8
0.818
V
IFB
Feedback Bias Current
IOUT=0.1A
-
0.1
0.5
uA
ISW
Switch Current
-
2.5
-
-
A
ISSS
Current Consumption During Power
Off
VEN=0V
-
10
-
uA
Δ
VOUT/VOUT
Line Regulation
VIN=5V~18V
-
2
4
%
Δ
VOUT/VOUT
Load Regulation
IOUT=0.1 to 2A
-
0.2
0.5
%
FOSC
Oscillation Frequency
Measure waveform at SW pin
300
350
400
KHz
FOSC1
Frequency of Current Limit or Short
Circuit Protect
Measure waveform at SW pin
10
-
-
KHz
VSH
Evaluate oscillation at SW pin
2.0
-
-
VSL
EN Pin Input Voltage
Evaluate oscillation stop at SW pin
-
-
0.8
V
ISH
-
-
20
-
uA
ISL
EN Pin Input Leakage Current
-
-
-10
-
uA
IOCSET
OCSET Pin Bias Current
-
75
90
105
uA
TSS
Soft-Start Time
-
0.3
2
5
ms
VIN=5V,VFB=0V
-
110
150
RDSON
Internal MOSFET RDSON
VIN=12V,VFB=0V
70
100
mΩ
EFFI
Efficiency
VIN=12V,VOUT=5V,IOUT=2A
-
92
-
%
θJA
Thermal Resistance
Junction-to-Ambient
-
-
65
-
oC /W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com