Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4540 Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 4540
Description  1/4 HEX MALE-FEMALE STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

4540 Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  4540 Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
112
95 Silvermine Road, Seymour, Ct. 06483 Phone: 203-888-2133 Fax: 203-888-9860
e-mail : info@rafhdwe.com Web: www.rafhdwe.com
Available with thread locking
products, see page vii
XXXX
or
XXXXX
In short lengths ‘A’ will be tapped to maximum depth
See page 9 for finish codes
For non-standard parts contact Sales Office
LENGTH
PART
NO.
15/16
4541
31/32
4541T
1”
4542
1-1/16
4543
1-1/8
4544
1-3/16
4545
1-1/4
4546
1-5/16
4547
1-3/8
4548
1-7/16
4549
1-1/2
4550
1-9/16
4551
1-5/8
4552
1-11/16
4553
1-3/4
4554
LENGTH
PART
NO.
1-13/16
4555
1-7/8
4556
1-15/16
4557
2”
4558
2-1/8
4559
2-1/4
4560
2-3/8
4561
2-1/2
4562
2-5/8
4563
2-3/4
4564
2-7/8
4565
3”
4566
3-1/4
4567
3-1/2
4568
3-3/4
4569
4”
4570
LENGTH
PART
NO.
7/32
4530A
1/4
4530
9/32
4530T
5/16
4531
11/32
4531T
3/8
4532
13/32
4532T
7/16
4533
15/32
4533T
1/2
4534
17/32
4534T
9/16
4535
19/32
4535T
5/8
4536
21/32
4536T
11/16
4537
23/32
4537T
3/4
4538
25/32
4538T
13/16
4539
27/32
4539T
7/8
4540
29/32
4540T
MATERIAL
CODE
RoHS
Aluminum
AL
YES
Brass
B
YES
Stainless Steel
SS
YES
Steel
S
YES
Nylon
N
YES
287771_085-168.v1
9/26/08
10:07 PM
Page 112


Similar Part No. - 4540

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
4540 SEMTECH-4540 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
4540 KEMET-4540 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
4540 ETC2-4540 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
4540 HEYCO-4540 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4540-440-S RAF-4540-440-S Datasheet
87Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4540

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4530-440-B RAF-4530-440-B Datasheet
86Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4530-632-AL RAF-4530-632-AL Datasheet
86Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4530-632-B RAF-4530-632-B Datasheet
87Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4534-440-N RAF-4534-440-N Datasheet
92Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4535-632-S RAF-4535-632-S Datasheet
97Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4536-440-S RAF-4536-440-S Datasheet
91Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4540-440-S RAF-4540-440-S Datasheet
87Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4540-632-S RAF-4540-632-S Datasheet
95Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4546-632-S RAF-4546-632-S Datasheet
90Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
4566-632-S RAF-4566-632-S Datasheet
78Kb / 1P
1/4 HEX MALE FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com