Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2314 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2314 Datasheet HTML 1Page - RF Micro Devices RF2314 Datasheet HTML 2Page - RF Micro Devices RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices RF2314 Datasheet HTML 5Page - RF Micro Devices RF2314 Datasheet HTML 6Page - RF Micro Devices RF2314 Datasheet HTML 7Page - RF Micro Devices RF2314 Datasheet HTML 8Page - RF Micro Devices RF2314 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
5
4
RF OUT
VCC
GND
GND
RF IN
RF2314
GENERAL PURPOSE LOW NOISE AMPLIFIER
The RF2314 is a general purpose, low-cost, high performance amplifier
designed for operation from a 2.7V to 6V supply with low current con-
sumption. The circuit configuration with resistive feedback allows for
broadband cascadable amplification. Feedback with capacitive compen-
sation extends the bandwidth of the amplifier, and is designed for opti-
mized noise figure. The device is unconditionally stable and internally
matched to 50
Ω. No external components are required. The RF2314 is
available in a very small industry-standard SOT 5-lead surface mount
package, enabling compact designs which conserve board space.
Features
150MHz to 2500MHz Opera-
tion
2.7V to 6.0V Single Supply
+18dBm Output IP
3 at 5 V
14dB Gain at 900MHz
8.6dB Gain at 1900MHz
Low Current Consumption of
5mA at 3V
Applications
Broadband Gain Blocks
Final PA for Low-Power Appli-
cations
IF or RF Buffer Amplifiers
Driver Stage for Power Ampli-
fiers
Oscillator Loop Amplifiers
RF2314
General Purpose Low Noise Amplifier
RF2314PCBA-41X
Fully Assembled Evaluation Board
Rev A7 DS070730
RoHS Compliant & Pb-Free Product
Package Style: SOT 5-Lead


Similar Part No. - RF2314

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314PCBA RFMD-RF2314PCBA Datasheet
114Kb / 4P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314PCBA RFMD-RF2314PCBA Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
More results

Similar Description - RF2314

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
General Purpose Low Noise Amplifier with Bypass Switch
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
General purpose Low Noise Amplifier
2013-11-06
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com