Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4078 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4078
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4078 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4078 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4078 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4078 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Triacs
IST4078
www.iscsemi.com
1
FEATURES
·
With TO-252 package
·
Glass passivated triacs in a plastic envelope, for use in
Applications requiring high bidirectional transient and
blocking voltage capability and high thermal cycling
performance.Typical applications include motor
control,industrial and domestic lighting,heating
and static switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)
16
A
ITSM
Non-repetitive peak on-state current
tp=20ms
160
A
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-40~150
℃


Similar Part No. - IST4078

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4001 ISC-IST4001 Datasheet
271Kb / 3P
isc Triacs
IST4017 ISC-IST4017 Datasheet
323Kb / 3P
Thyristor
IST4019 ISC-IST4019 Datasheet
322Kb / 3P
isc Triacs
IST4021 ISC-IST4021 Datasheet
320Kb / 3P
Thyristors
IST4034 ISC-IST4034 Datasheet
260Kb / 3P
Thyristors
More results

Similar Description - IST4078

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com