Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2174 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices RF2174 Datasheet HTML 10Page - RF Micro Devices RF2174 Datasheet HTML 11Page - RF Micro Devices RF2174 Datasheet HTML 12Page - RF Micro Devices RF2174 Datasheet HTML 13Page - RF Micro Devices RF2174 Datasheet HTML 14Page - RF Micro Devices RF2174 Datasheet HTML 15Page - RF Micro Devices RF2174 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12 of 16
RF2174
Rev A8 DS060918
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Test Setup
Power Supply
V- S- S+ V+
10dB/5W
3dB
RF Generator
Spectrum
Analyzer
Buffer
x1 OpAmp
Pulse
Generator
A buffer amplifier is recommended because the current into
the VAPC changes with voltage. As an alternative, the voltage
may be monitored with an oscilloscope.
Notes about testing the RF2174
The test setup shown above includes two attenuators. The 3dB pad at the input is to minimize the effects that the switching
of the input impedance of the PA has on the signal generator. When VAPC is switched quickly, the resulting input impedance
change can cause the signal generator to vary its output signal, either in output level or in frequency. Instead of an attenuator
an isolator may also be used. The attenuator at the output is to prevent damage to the spectrum analyzer, and should be able
to handle the power.
It is important not to exceed the rated supply current and output power. When testing the device at higher than nominal sup-
ply voltage, the VAPC should be adjusted to avoid the output power exceeding +36dBm. During load-pull testing at the output
it is important to monitor the forward power through a directional coupler. The forward power should not exceed +36dBm,
and VAPC needs to be adjusted accordingly. This simulates the behavior for the power control loop in this respect. To avoid
damage, it is recommended to set the power supply to limiting the current during the burst, not to exceed the maximum cur-
rent rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com