Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4946B Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4946B
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4946B Datasheet(HTML) 7 Page - STMicroelectronics

  L4946B Datasheet HTML 1Page - STMicroelectronics L4946B Datasheet HTML 2Page - STMicroelectronics L4946B Datasheet HTML 3Page - STMicroelectronics L4946B Datasheet HTML 4Page - STMicroelectronics L4946B Datasheet HTML 5Page - STMicroelectronics L4946B Datasheet HTML 6Page - STMicroelectronics L4946B Datasheet HTML 7Page - STMicroelectronics L4946B Datasheet HTML 8Page - STMicroelectronics L4946B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
The STCAP pin acts like a delay circuit. Due to
the large capacitor (470
µF), the STCAP pin allows
the battery voltage to decay slowly giving the mi-
croprocessor time to store data. Also, during short
low voltage or negative voltage conditions, the
STCAP pin protects the 5V st-by output from
dropping below the RESET and LVW trip points
The four outputs are expected to follow the bat-
tery voltage down to 7V. At 7V typical the LVW
tells the microprocessor to stop operation and
save operating data Below 7V the outputs are ex-
pected to stay alive and ready for a return of bat-
tery.
The L4946 has a st-by mode to keep the micro-
processor and memories allive during an ignition
off conditions. The ON/OFF input pin in controlled
by the microprocessor. An high on the ON/OFF
pin places the part in normal mode. A low on the
ON/OFF pin places the part in st-by mode.V01,
V02,V03 will be off during st-by mode.
Graphs of the Output Curves for VO1,2,3 and 4 (Cont.)
Notes and Information
The following information is for clarification, not for specification definition.
Please use the information in this way.
L4946
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com