Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2173 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2173
Description  3V GSM POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2173 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2173 Datasheet HTML 6Page - RF Micro Devices RF2173 Datasheet HTML 7Page - RF Micro Devices RF2173 Datasheet HTML 8Page - RF Micro Devices RF2173 Datasheet HTML 9Page - RF Micro Devices RF2173 Datasheet HTML 10Page - RF Micro Devices RF2173 Datasheet HTML 11Page - RF Micro Devices RF2173 Datasheet HTML 12Page - RF Micro Devices RF2173 Datasheet HTML 13Page - RF Micro Devices RF2173 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14 of 14
RF2173
Rev A8 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
0.508 (mm) Grid
0.305 (mm)
Via
Finished Hole
Figure 3. Thermal Pad and Via Design (RF2173)
RoHS Compliant:
Yes
Package total weight in grams (g):
0.038
Compliance Date Code:
0628
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PB B
PB DE
Di e
00
000
0
Mol di ng Compo und
00
000
0
Lead F r ame
00
000
0
Di e Attach Epo x y
00
000
0
Wi r e
00
000
0
So l der Pl ati ng
00
000
0
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
B i ll o f Mate r i al s
Par ts Per Mi l l i on (PPM)
This R oHS banned mate r i al co nte nt de cl ar atio n was pr epar e d sole ly o n info r matio n, incl uding anal ytical
data, pr ovi de d to R F MD by i ts suppl i er s, and appl i e s to the B i l l of Mate r i al s (B OM) r evi si on note d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com