Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR10EZPF1000 Datasheet(PDF) 3 Page - Rohm

Part # SDR10EZPF1000
Description  High anti-surge chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SDR10EZPF1000 Datasheet(HTML) 3 Page - Rohm

  SDR10EZPF1000 Datasheet HTML 1Page - Rohm SDR10EZPF1000 Datasheet HTML 2Page - Rohm SDR10EZPF1000 Datasheet HTML 3Page - Rohm SDR10EZPF1000 Datasheet HTML 4Page - Rohm SDR10EZPF1000 Datasheet HTML 5Page - Rohm SDR10EZPF1000 Datasheet HTML 6Page - Rohm SDR10EZPF1000 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SDR series
Datasheet
●
Derating curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curve below.
■SDR03((0.3W))
■SDR03((0.25W))
■SDR10
●
Characteristics
Test items
Guaranteed value
Test conditions
Resistance
See P.1
20℃
Variation of resistance
with temperature
See P.1
Measurement:+25/+125℃
Overload
±(2.0%+0.1Ω)
Test voltage is the smaller one of ① or ②
①Rated voltage(current)×2.5, 2 s
②Maximum overload voltage ※
Solderability
Anew uniform coating of minimum
of 95% of the surface being
immersed and no soldering
damage.
Rosin-ethanol solution 25% (mass)
Soldering condition:245±5℃
Duration of immersion:2.0±0.5s
Resistance to
soldering heat
±(1.0%+0.05Ω)
No remarkable abnormality on the appearance.
Soldering condition:260±5℃
Duration of immersion:10±1s
Rapid change of
temperature
±(1.0%+0.05Ω)
Test temp:-55℃~+125℃ 5cycles
Damp heat, steady state
±(3.0%+0.1Ω)
40℃,93%(Relative Humidity)
Test time:1,000h
Endurance at 70℃
±(3.0%+0.1Ω)
Rated voltage(current),70℃
1.5h:ON-0.5h:OFF
Test time:1,000h
Endurance
±(3.0%+0.1Ω)
155℃
Test time:1,000h
Resistance to solvent
±(1.0%+0.05Ω)
23±5℃, Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Bend strength of
the end face plating
±(1.0%+0.05Ω)
Without mechanical damage such as breaks.
-
Static electric
characteristics
±(5.0%+0.05Ω)
Voltage:3kV
C:100pF
R:1.5kΩ
Apply cycle:Once
Compliance Standard(s) : IEC60115-8
※Maximum overload voltage (Test voltage)
JIS C 5201-1
SDR03
SDR10
200V
600V
www.rohm.com
© 2020 ROHMCo., Ltd. All rights reserved.
3/4
2020.07 - Rev.C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com