Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR10EZPD1004 Datasheet(PDF) 1 Page - Rohm

Part # SDR10EZPD1004
Description  High anti-surge chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SDR10EZPD1004 Datasheet(HTML) 1 Page - Rohm

  SDR10EZPD1004 Datasheet HTML 1Page - Rohm SDR10EZPD1004 Datasheet HTML 2Page - Rohm SDR10EZPD1004 Datasheet HTML 3Page - Rohm SDR10EZPD1004 Datasheet HTML 4Page - Rohm SDR10EZPD1004 Datasheet HTML 5Page - Rohm SDR10EZPD1004 Datasheet HTML 6Page - Rohm SDR10EZPD1004 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High anti-surge chip resistors
SDR series
Datasheet
●
Features
1)Guaranteed 0.3W in 0603(inch) size
2)Further improved surge resistance characteristics compared to ESR series.
3)ROHM resistors have obtained ISO9001 / IATF16949 certification
4)Corresponds to AEC-Q200
●
Products list
Part No.
Size
Rated
power
(70℃)
Limiting
element
voltage
Temperature
coefficient
Resistance
tolerance
Resistance range
Operating
temperature
range
Automotive
grade
available
(mm)
(inch)
(W)
(V)
(ppm/ ℃)
(%)
(Ω)
(℃)
SDR03
1608
0603
0.30
150
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±200
F ( ±1% )
1≦R<10
(E24/96 series)
±100
F ( ±1% )
10≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
SDR10
2012
0805
0.50
400
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±100
F ( ±1% )
1≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
* Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
* E24 : Standard products, E96 : Custom products.
●
●
Part Number Description
S D R
0 3
E Z P
J
1 0 0
Part No.
Size (mm [inch])
Packaging specifications code
Resistance
tolerance
Nominal resistance
SDR
03 (1608 [0603])
Part No.
Code
Packaging
specifications
Quantity
/ Reel
Resistance code, 3 or 4 digits.
(High
D( ±0.5% )
F ( ±1% )
J ( ±5% )
Resistance
tolerance
Resistance
code
anti-surge
10 (2012 [0805])
SDR03
EZP
Paper tape
(4mm pitch)
5,000
chip resistors)
D,F
J
:
:
4 digits
3 digits
SDR10
EZP
Paper tape
(4mm pitch)
5,000
EX.)
1Ω = 1R0 ( ±5% )
9.1Ω = 9R1 ( ±5% )
10 Ω = 10R0 ( ±1% )
100 ( ±5% )
1MΩ = 1004 ( ±1% )
105 ( ±5% )
www.rohm.com
© 2020 ROHMCo., Ltd. All rights reserved.
1/4
2020.07 - Rev.C


Similar Part No. - SDR10EZPD1004

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
SDR1004F SSDI-SDR1004F Datasheet
201Kb / 2P
100 AMPS, 400-1000 VOLTS 270 nsec FAST RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
logo
List of Unclassifed Man...
SDR1005 ETC1-SDR1005 Datasheet
1Mb / 2P
SMD Power Inductors
logo
Bourns Electronic Solut...
SDR1005 BOURNS-SDR1005 Datasheet
220Kb / 2P
SMD Power Inductors
More results

Similar Description - SDR10EZPD1004

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR ROHM-ESR Datasheet
571Kb / 8P
Anti-surge chip resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com