Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2139 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2139
Description  PCB Headers and Receptacles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2139 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2139 Datasheet HTML 1Page - Molex Electronics Ltd. 2139 Datasheet HTML 2Page - Molex Electronics Ltd. 2139 Datasheet HTML 3Page - Molex Electronics Ltd. 2139 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
-
-
-
-
Multiple Part Industry Compliance Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
EU RoHS Certificate of Compliance
Part Details
General
Agency
Electrical
Physical
Status
Active
Category
PCB Headers and Receptacles
Series
171814
Description
3.96mm Pitch, KK 396 RPC Wire-to-
Board Right-Angle Header with
Friction Lock, Tin (Sn) Plating, Bag, 2
Circuits
Application
Power, Signal, Wire-to-Board
Component Type
PCB Header
Product Name
KK 396
UPC
887191375649
CSA
LR19980
UL
E29179
Current - Maximum per Contact
7.0A
Voltage - Maximum
250V
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com