Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2878 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2878
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2878 Datasheet HTML 1Page - RF Micro Devices RF2878 Datasheet HTML 2Page - RF Micro Devices RF2878 Datasheet HTML 3Page - RF Micro Devices RF2878 Datasheet HTML 4Page - RF Micro Devices RF2878 Datasheet HTML 5Page - RF Micro Devices RF2878 Datasheet HTML 6Page - RF Micro Devices RF2878 Datasheet HTML 7Page - RF Micro Devices RF2878 Datasheet HTML 8Page - RF Micro Devices RF2878 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 14
RF2878
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
T= 25 °C
Voltage (VCC)
2.5 to 6.0
V
Voltage (VPD)
2.7
2.8
2.9
V
Current Consumption -
Driver Amplifier
11.5
19.5
25.5
mA
VCC=3.5V; VPD=2.8V; VPD+VCC - Current
Consumption from VPD is 2.0mA Typ.@
VPD=2.8V and 3.0mA Max @ VPD=2.9 V
16
18
20
mA
VCC=3.5V; VPD =2.7V; VPD+ VCC
18
20.5
27
mA
VCC=3.5V; VPD =2.9V; VPD+ VCC
Power Down
10
μAVCC=3.5V; VPD ≤ 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com